Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1090U-2 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1090U-2
Description  Low-Frequency, Spread-Spectrum EconOscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1090U-2 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1090U-2 Datasheet HTML 1Page - Maxim Integrated Products DS1090U-2 Datasheet HTML 2Page - Maxim Integrated Products DS1090U-2 Datasheet HTML 3Page - Maxim Integrated Products DS1090U-2 Datasheet HTML 4Page - Maxim Integrated Products DS1090U-2 Datasheet HTML 5Page - Maxim Integrated Products DS1090U-2 Datasheet HTML 6Page - Maxim Integrated Products DS1090U-2 Datasheet HTML 7Page - Maxim Integrated Products DS1090U-2 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Low-Frequency, Spread-Spectrum
EconOscillator
4
_____________________________________________________________________
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
0.95
1.20
1.45
1.70
0.70
3.0
5.5
NO LOAD, TA = +25
°C
40k
60k
80k
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.70
0.90
1.10
1.30
1.50
0.50
-40
85
NO LOAD, VCC = 3.3V
40k
60k
80k
SUPPLY CURRENT
vs. OUTPUT LOADING
LOAD CAPACITANCE (pF)
35
30
25
20
15
10
1
2
3
4
0
540
TA = +25
°C, RSET = 40kΩ
4V
3V
5V
OUTPUT VOLTAGE HIGH
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
-1
-2
-3
-4
2.8
2.9
3.0
3.1
2.7
-5
0
VCC = 3.0V
OUTPUT VOLTAGE LOW
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
4
3
2
1
0.1
0.2
0.3
0.4
0
05
VCC = 3.0V
OUTPUT FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
5
6
7
8
9
10
4
3.0
5.5
TA = +25
°C
60k
80k
40k


Similar Part No. - DS1090U-2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1090U-2++ MAXIM-DS1090U-2+ Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
More results

Similar Description - DS1090U-2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
   Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
logo
Dallas Semiconductor
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
   Multiphase Spread-Spectrum EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com