Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1090U-2 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1090U-2
Description  Low-Frequency, Spread-Spectrum EconOscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1090U-2 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1090U-2 Datasheet HTML 1Page - Maxim Integrated Products DS1090U-2 Datasheet HTML 2Page - Maxim Integrated Products DS1090U-2 Datasheet HTML 3Page - Maxim Integrated Products DS1090U-2 Datasheet HTML 4Page - Maxim Integrated Products DS1090U-2 Datasheet HTML 5Page - Maxim Integrated Products DS1090U-2 Datasheet HTML 6Page - Maxim Integrated Products DS1090U-2 Datasheet HTML 7Page - Maxim Integrated Products DS1090U-2 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The DS1090 is a low-cost, dithered oscillator intended
to be used as an external clock for switched-mode
power supplies and other low-frequency applications.
The dithering or sweeping function reduces peak-radi-
ated emissions from the power supply at its fundamen-
tal frequency, as well as harmonic frequencies. The
device consists of a resistor-programmed master oscil-
lator, factory-programmed clock prescaler, and a pin-
programmed dither circuit. These features allow the
DS1090 to be used in applications where a spread-
spectrum clock is desired to reduce radiated emis-
sions. A combination of factory-set prescalers and
external resistor allows for output frequencies ranging
from 125kHz to 8MHz. Both dither frequency and dither
percentage are set using control pins.
Applications
Switched-Mode Power Supplies
Servers
Printers
Embedded Microcontrollers
Industrial Controls
Automotive Applications
Features
♦ Low-Cost, Spread-Spectrum EconOscillator™
♦ Simple User Programming
♦ Output Frequency Programmable from 125kHz
to 8MHz
♦ Dither Percentage Programmable from 0% to 8%
♦ Dither Rate Programmable (fMOSC / 512, 1024,
2048, or 4096 )
♦ 3.0V to 5.5V Single-Supply Operation
♦ CMOS/TTL-Compatible Output
♦ Operating Temperature Range: -40°C to +85°C
Low-Frequency, Spread-Spectrum
EconOscillator
______________________________________________ Maxim Integrated Products
1
J1
J0
GND
1
2
8
7
JC1
JC0
RSET
VCC
OUT
µSOP
TOP VIEW
3
4
6
5
DS1090
Pin Configuration
Ordering Information
DS1090
VOUT
VIN
DC-DC
STEP-DOWN
CONVERTER
OUT
GND
VCC
VCC
RSET
JC0
JC1
J0
J1
45k
TO 91k
Typical Operating Circuit
Rev 0; 4/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Add “/T” for Tape & Reel orders.
*Contact factory for availability.
PART
OUTPUT
FREQUENCY
RANGE
PRESCALER
PIN-
PACKAGE
DS1090U-1
4MHz to 8MHz
18 µSOP
DS1090U-2*
2MHz to 4MHz
28 µSOP
DS1090U-4*
1MHz to 2MHz
48 µSOP
DS1090U-8*
500kHz to 1MHz
88 µSOP
DS1090U-16
250kHz to
500kHz
16
8 µSOP
DS1090U-32*
125kHz to
250kHz
32
8 µSOP
EconOscillator is a trademark of Dallas Semiconductor.


Similar Part No. - DS1090U-2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1090U-2++ MAXIM-DS1090U-2+ Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
More results

Similar Description - DS1090U-2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
   Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
logo
Dallas Semiconductor
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
   Multiphase Spread-Spectrum EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com