Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1090U-1 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1090U-1
Description  Low-Frequency, Spread-Spectrum EconOscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1090U-1 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1090U-1 Datasheet HTML 1Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 2Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 3Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 4Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 5Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 6Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 7Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Low-Frequency, Spread-Spectrum
EconOscillator
_____________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Internal Master Oscillator
Frequency
fMOSC
4.0
8.0
MHz
Output Frequency Tolerance
∆fOUT
VCC = 3.3V,
TA = +25°C
-11.5
+11.5
%
TA = +25°C, RSET = 60k
Ω,
VCC = 3.0V to 3.6V (Notes 2, 3)
-0.3
+0.3
Voltage Frequency Variation
∆fOUT
TA = +25°C, RSET = 60k
Ω,
VCC = 4.5V to 5.5V (Notes 2, 3)
-1.25
+1.25
%
Temperature Frequency Variation
∆fOUT
VCC = 3.3V
(Notes 2, 3, 4)
-2.5
+2.5
%
J0 = GND, J1 = GND
0
J0 = VCC, J1 = GND
2
J0 = GND, J1 = VCC
4
Peak-to-Peak Dither (3
σ)
(Note 5)
J0 = VCC, J1 = VCC
8
%
Power-Up Time
tPOR +
tSTAB
(Note 6)
0.1
0.5
ms
Load Capacitance
CL
(Note 7)
30
pF
4MHz to 8MHz, TA = +25°C (Note 3)
45
55
Output Duty Cycle
<4MHz (Note 4)
50
%
Output Rise/Fall Time
tR, tF
CL = 15pF
20
ns
AC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = -40°C to +85°C, unless otherwise noted.)
Note 1:
All voltages referenced to ground.
Note 2:
This is the change observed in output frequency due to changes in temperature or voltage.
Note 3:
See the Typical Operating Characteristics section.
Note 4:
Parameter is guaranteed by design and is not production tested.
Note 5:
This is a percentage of the output period. Parameter is characterized but not production tested. This can be varied from
0% to 8%.
Note 6:
This indicates the time between power-up and the outputs becoming active. An on-chip delay is intentionally introduced to
allow the oscillator to stabilize. tSTAB is equivalent to ~500 clock cycles and is dependent upon the programmed
output frequency.
Note 7:
Output voltage swings can be impaired at high frequencies combined with high output loading.


Similar Part No. - DS1090U-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1090U-1++ MAXIM-DS1090U-1+ Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1090U-16++ MAXIM-DS1090U-16+ Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
More results

Similar Description - DS1090U-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
   Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
logo
Dallas Semiconductor
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
   Multiphase Spread-Spectrum EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com