Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1090U-1 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1090U-1
Description  Low-Frequency, Spread-Spectrum EconOscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1090U-1 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1090U-1 Datasheet HTML 1Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 2Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 3Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 4Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 5Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 6Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 7Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low-Frequency, Spread-Spectrum
EconOscillator
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C)
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = -40°C to +85°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Relative to Ground ...........-0.5V to +6.0V
Voltage Range on Input Pins
Relative to Ground.................................-0.5V to (VCC + 0.5V),
not to exceed 6.0V
Operating Temperature Range ...........................-40
°C to +85°C
Storage Temperature Range .............................-55
°C to +125°C
Soldering Temperature .......................................See IPC/JEDEC
J-STD-020A Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
3.0
5.5
V
Input Logic 1 (J0, J1, JC0, JC1)
VIH
0.7 x
VCC
VCC +
0.3
V
Input Logic 0 (J0, J1, JC0, JC1)
VIL
-0.3
+0.3 x
VCC
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CL = 15pF, VCC = 3.3V, RSET = 40k
1.4
Supply Current
ICC
CL = 15pF, VCC = 5.5V, RSET = 40k
1.7
3
mA
IOH = -4mA
High-Level Output Voltage (OUT)
VOH
VCC = min
2.4
V
Low-Level Output Voltage (OUT)
VOL
IOL = 4mA
0.4
V
High-Level Input Current
(J0, J1, JC0, JC1)
IIH
VIH = VCC
+1.0
µA
Low-Level Input Current
(J0, J1, JC0, JC1)
IIL
VIL = 0V
-1.0
µA
Resistor Current
IRES
VCC = max
150
µA


Similar Part No. - DS1090U-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1090U-1++ MAXIM-DS1090U-1+ Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1090U-16++ MAXIM-DS1090U-16+ Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
More results

Similar Description - DS1090U-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
   Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
logo
Dallas Semiconductor
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
   Multiphase Spread-Spectrum EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com