Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1090U-1 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1090U-1
Description  Low-Frequency, Spread-Spectrum EconOscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1090U-1 Datasheet(HTML) 7 Page - Maxim Integrated Products

  DS1090U-1 Datasheet HTML 1Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 2Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 3Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 4Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 5Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 6Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 7Page - Maxim Integrated Products DS1090U-1 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Low-Frequency, Spread-Spectrum
EconOscillator
_____________________________________________________________________
7
Detailed Description
The DS1090 is a center-dithered, spread-spectrum sili-
con oscillator for use as an external clock in reduced-
EMI applications. With a combination of factory-
programmed prescalers and a user-selected external
resistor, output frequencies from 125kHz to 8MHz can
be achieved. The output center frequency can be
dithered by selecting the desired dither rate and ampli-
tude with discrete inputs J0, J1, JC0, and JC1.
The DS1090 contains four basic circuit blocks: master
oscillator, factory-programmed prescaler, dither gener-
ator, and the voltage-bias circuit that provides the feed-
back path to the master oscillator for frequency control
and dithering functions.
Master Oscillator
The master oscillator is programmable in the applica-
tion by the use of an external resistor (RSET) tied to
ground (GND). Resistor values of 45k
Ω to 91kΩ vary
the square-wave output frequency of the voltage-con-
trolled master oscillator (fMOSC) from 8MHz down to
4MHz (see Figure 1).
The master oscillator (Hz) frequency can be stated as
Factory-Programmed Prescaler
The prescaler divides the frequency of the master oscil-
lator by 1, 2, 4, 8, 16, or 32 to generate the square-
wave output clock (fOSC). This divisor is factory-set and
is an ordering option.
Dither Generator
Spread-spectrum functionality is achieved by a user-
configurable divider (determines dither rate), a triangle
generator, and a user-configurable dither amplitude cir-
cuit (see Block Diagram).
The input to the triangle-wave generator is derived from
the internal master oscillator and is fed through a user-
configurable divider. The settings of control pins JC0
and JC1 determine this dither rate divisor setting (see
Table 1), dividing the master clock by 4, 8, 16, or 32.
The clock signal is further divided by 128 in the
triangle-wave generator, which results in a triangle-
wave signal of either 1/512th, 1/1024th, 1/2048th, or
1/4096th of the master oscillator (fMOD), depending
upon the user’s divisor setting.
The dithering frequency can be also expressed as the
result of
where Divisor is 4, 8, 16, or 32.
f
f
Divisor
MOD
MOSC
=
×128
f
E
sistor
MOSC
+
3 6461
11
.
Re
MASTER OSCILLATOR FREQUENCY vs.
EXTERNAL RESISTOR SELECTION
RSET RESISTANCE (k
Ω)
90
80
70
60
50
4
5
6
7
8
9
3
40
Figure 1. Master Oscillator Frequency
TIME
DITHER
AMOUNT
(2, 4, OR 8%)
IF DITHER AMOUNT = 0%
(- 1, 2, or 4% of fMOSC)
fMOD
1
(+ 1, 2, or 4% of fMOSC)
Programmed fMOSC
Figure 2. Center Frequency Dither Diagram
JC1
JC0
DITHERING PERCENTAGE
(fMOSC/n)
DIVISOR
SETTING
00
FMOSC / 512
4
01
FMOSC / 1024
8
10
fMOSC / 2048
16
11
fMOSC / 4096
32
Table 1. Dither Rate Divisor Settings


Similar Part No. - DS1090U-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1090U-1++ MAXIM-DS1090U-1+ Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1090U-16++ MAXIM-DS1090U-16+ Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
More results

Similar Description - DS1090U-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
   Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
logo
Dallas Semiconductor
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
   Multiphase Spread-Spectrum EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com