40 / 40 page
2002 Oct 09
40
BCcomponents
Product specification
Metallized polypropylene filter capacitors
MKP 416 to 420
QUICK REFERENCE TEST REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
Robustness of leads
Tensile strength:
“IEC 60068-2-21”
load 10 N; 10 s
no visible damage
legible marking
∆C/C≤ 1% +5pF
∆tan δ≤ 5 × 10−4
Bending:
“IEC 60068-2-21”
load 5 N; 4
× 90 °
Resistance to soldering heat
“IEC 60068-2-20”
solder bath: 260
°C; 5 s
Component solvent resistance
isopropyl alcohol; 23
°C; 5 minutes
Robustness of component
Vibration:
“IEC 60068-2-6”
10 to 55 Hz; amplitude 0.75 mm or
acceleration 98 m/s2; 6 hours
∆C/C≤ 1% +5pF
∆tan δ≤ 5 × 10−4
Shock:
“IEC 60068-2-27”
half sinewave; 490 m/s2; 11 ms
Climatic sequence
Dry heat:
“IEC 60068-2-2”
16 hours; 85
°C
∆C/C≤ 1% +5pF
∆tan δ≤ 5 × 10−4
Rins ≥ 50% of specified value
Damp heat, cyclic, test Db, first cycle:
“IEC 60068-2-30”
Cold:
“IEC 60068-2-1“
2 hours;
−55 °C
Damp heat, cyclic, test Db,
remaining cycles:
“IEC 60068-2-30”
Other applicable tests
Damp heat, steady state:
“IEC 60068-2-3”
56 days; 40
°C; 90 to 95% RH
∆C/C≤ 1% +5pF
∆tan δ≤ 5 × 10−4
Rins ≥ 50% of specified value
Endurance (DC):
“IEC 60384-16”
2000 hours: 1.25
× URdc; 85 °C
∆C/C≤ 1% +5pF
∆tan δ≤5 × 10−4
Rins ≥ 50% of specified value
Heat storage:
“IEC 60384-16“
2000 hours; 85
°C
∆C/C≤ 1% +5pF
∆tan δ≤ 5 × 10−4
Resistance to soldering heat with
preheating:
“IEC 60384-16“
body temperature: 85
°C;
bath temperature: 260
°C;
dwell time: 10 s
∆C/C≤ 1% +5pF
∆tan δ≤5 × 10−4
Passive flammability:
“IEC 60384-1”
class C
no burning
Endurance (AC):
“IEC 60384-16“
1000 hours: 85
°C
1.25
× URac (RMS); 50 Hz
∆C/C≤ 2% +5pF
∆tan δ≤ 5 × 10−4
Rins ≥ 50% of specified value