39 / 40 page
2002 Oct 09
39
BCcomponents
Product specification
Metallized polypropylene filter capacitors
MKP 416 to 420
Package marking
The package containing the capacitors is marked as shown in Fig.32.
Fig.32 Barcode label.
Barcode label marking
LINE
MARKING EXPLANATION
1
Manufacturer's name
2
Country of origin
3
Sub-family
4
Type description
5
Capacitance value in
µF, tolerance, voltage
and climatic category (“IEC 60068-1”)
6
−
7
Preference origin code: A
Country of origin in code: 170 (Belgium)
Responsible production centre: HQ
Work order: WO
Wage number of final inspection
8
Product type description
9
Quantity and production period, year and
week code
10
Product code (12NC)