Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP416 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # MKP416
Description  Metallized polypropylene filter capacitors
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MKP416 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button MKP416 Datasheet HTML 32Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 33Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 34Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 35Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 36Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 37Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 38Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 39Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 40Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
2002 Oct 09
38
BCcomponents
Product specification
Metallized polypropylene filter capacitors
MKP 416 to 420
MARKING
Product marking
CAPACITORS WITH PITCH
= 5mm
The capacitors are marked on the side (see Fig.29) with the
following information:
1. Capacitance code in accordance with
“IEC 60062”: n
= nF
2. Tolerance on rated capacitance: G
=±2%; J =±5%
3. Rated (DC) voltage (e.g. 250 V)
4. Code for manufacturer
5. Year and week of manufacture (e.g. 0001)
6. Manufacturers type designation.
Fig.29 Example of marking for a capacitor
with pitch
= 5mm.
144x12(halfpage)
27n G
250V BC
0001 418
FRONT FACE
CBB069
CAPACITORS WITH PITCH
= 10 mm
The capacitors are marked on the front face (see Fig.30) with
the following information:
1. Year and week of manufacture (e.g. 0001)
2. Capacitance code in accordance with “IEC 60062”
3. Tolerance on rated capacitance: G
=±2%; J =±5%
4. Rated (DC) voltage (e.g. 160 V)
5. Code for dielectric material (MKP)
6. Manufacturer’s type designation (e.g. 417)
7. Code for manufacturer
8. Code for factory of origin (HQ).
Fig.30 Example of marking for a capacitor
with pitch
= 10.0 mm.
144x12(halfpage)
0001
100n G 160V
MKP 417
BC
-HQ
FRONT FACE
CBB070
CAPACITORS WITH PITCH
= 15 mm
The capacitors are marked on the top (see Fig.31) with the
following information:
1. Rated capacitance code in accordance with
“IEC 60062”
2. Tolerance on rated capacitance: G
=±2%; J =±5%
3. Rated voltage (DC) (e.g. 63 V)
4. Manufacturer’s type designation (416)
5. Code for dielectric material (MKP);
and on the side with the following information:
1. Manufacturer
2. Code for factory of origin (HQ)
3. Year and week of manufacture (e.g. 0001).
Fig.31 Example of marking for a capacitor
with pitch
= 15.0 mm.
144x12(halfpage)
HEAD FACE
FRONT FACE
300n G 63V
416
MKP
BC
HQ0001
CBB078


Similar Part No. - MKP416

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP416 VISHAY-MKP416 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
More results

Similar Description - MKP416

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32692 TDK-B32692_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors
logo
Electronic Film Capacit...
1213DFR EFC-1213DFR Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213TF EFC-1213TF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213TC EFC-1213TC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EC EFC-1213EC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRA EFC-1213EFRA Datasheet
13Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRB EFC-1213EFRB Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213EF EFC-1213EF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
logo
List of Unclassifed Man...
935 ETC-935 Datasheet
205Kb / 6P
   METALLIZED POLYPROPYLENE CAPACITORS
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com