Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP416 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # MKP416
Description  Metallized polypropylene filter capacitors
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MKP416 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button MKP416 Datasheet HTML 32Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 33Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 34Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 35Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 36Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 37Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 38Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 39Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 40Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
2002 Oct 09
37
BCcomponents
Product specification
Metallized polypropylene filter capacitors
MKP 416 to 420
Application note and limiting conditions
These capacitors are not suitable for mains applications as across-the-line capacitors without additional protection, as
described hereunder. These mains applications are strictly regulated in safety standards and therefore electromagnetic
interference suppression capacitors conforming the standards must be used.
To select the capacitor for a certain application, the following conditions must be checked:
1. The peak voltage (Up) shall not be greater than the rated DC voltage (URdc).
2. The peak-to-peak voltage (Up-p) shall not be greater than the maximum Up-p.
3. The voltage pulse slope (dU/dt) shall not exceed the rated voltage pulse slope in an RC-circuit at rated voltage and
without ringing. If the pulse voltage is lower than the rated DC voltage, the rated voltage pulse slope may be multiplied
by URdc and divided by the applied voltage.
For all other pulses following equation must be fulfilled:
T is the pulse duration.
4. The maximum component surface temperature rise must be lower than the limits in Fig.27.
5. Since in circuits used at voltages over 280 V peak-to-peak the risk for an intrinsically active flammability after a
capacitor breakdown (short circuit) increases, it is recommended that the power to the component is limited to
100 times the values mentioned in Table 1 “Heat conductivity”.
6. When using these capacitors in the input filters or as series connected with an impedance to the mains the applicant
must guarantee that following conditions are fulfilled in any case (spikes and surge voltages from the mains or line card
supply included).
VOLTAGE CONDITIONS FOR 6 ABOVE
Example
C=0.1
µF - 250 V used for the sine voltage signal of 2 VRMS at 1 MHz superimposed on 160 V (DC).
The ambient temperature is 50
°C. The circuit is high ohmic during a capacitor breakdown.
Checking the conditions:
1. The peak voltage Up = 162.8 V is lower than 250 V (DC).
2. The peak-to-peak voltage 5.6 V is lower than
.
3. The signal is not pulsed.
4. This is a sinewave, according the curves in, the capacitor can be applied.
5. Not applicable.
6. Not applicable.
ALLOWED VOLTAGES
T amb
≤≤≤ 85 °°°°C
Maximum continuous RMS voltage
URac
Maximum temporary RMS -overvoltage (
<24 hours)
1.25
× URac
Maximum peak voltage (Vo-p) (<2s)
1.6
× URdc
2
dU
dt
--------


2
0
T
dt
×
×
URdc
dU
dt
--------


rated
×
<
2
2
100 V AC
()
×
×
280 Upp
=


Similar Part No. - MKP416

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP416 VISHAY-MKP416 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
More results

Similar Description - MKP416

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32692 TDK-B32692_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors
logo
Electronic Film Capacit...
1213DFR EFC-1213DFR Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213TF EFC-1213TF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213TC EFC-1213TC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EC EFC-1213EC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRA EFC-1213EFRA Datasheet
13Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRB EFC-1213EFRB Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213EF EFC-1213EF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
logo
List of Unclassifed Man...
935 ETC-935 Datasheet
205Kb / 6P
   METALLIZED POLYPROPYLENE CAPACITORS
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com