Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP416 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # MKP416
Description  Metallized polypropylene filter capacitors
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MKP416 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button MKP416 Datasheet HTML 25Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 26Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 27Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 28Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 29Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 30Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 31Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 32Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
2002 Oct 09
29
BCcomponents
Product specification
Metallized polypropylene filter capacitors
MKP 416 to 420
CONSTRUCTION
Description
• Low-inductive wound cell of metallized polypropylene
(PP) film, potted with epoxy resin in a flame-retardant
case
• Radial leads, solder-coated
– Copper clad steel wire for pitch = 2e, 4e and 6e (case
size 1750 and 1760)
– Copper wire pitch = 6e (case size 1770, 1785 and
1710)
• Solder-plated copper-clad steel wire to ensure good
resistance to soldering heat
• Small stand-off pips allow removal of solder flux etc.
during cleaning of the printed-circuit board.
Mounting
NORMAL USE
The capacitors are designed for printed-circuit board
applications. The capacitors packed in bandoliers are
designed for mounting on printed-circuit boards by means
of automatic insertion machines. For detailed specifications
refer to this handbook, chapter “Packaging information”.
144x12(halfpage)
connecting wire
CBA333
metal spray layer
MKP metallised polypropylene film
Fig.16 Construction.
SPECIFIC METHOD OF MOUNTING TO WITHSTAND VIBRATION
AND SHOCK
In order to withstand vibration and shock tests, it must be
ensured that the stand-off pips are in good contact with the
printed-circuit board.
The capacitors shall be mechanically fixed by the leads.
SPACE REQUIREMENTS ON PRINTED-CIRCUIT BOARD
The maximum length and width of film capacitors is shown
in Fig.17:
• Eccentricity as in Fig.17. The maximum eccentricity is
smaller than or equal to the lead diameter of the product
concerned.
• Product height with seating plane as given by
“IEC 60717” as reference: hmax ≤ h + 0.3 mm.
Storage temperature
• Storage temperature: Tstg =−25 to +40 °C with RH
maximum 80% without condensation.
RATINGS AND CHARACTERISTICS REFERENCE
CONDITIONS
Unless otherwise specified, all electrical values apply at an
ambient free air temperature of 23
±1 °C, an atmospheric
pressure of 86 to 106 kPa and a relative humidity of
50
±2%.
For reference testing, a conditioning period shall be applied
over 96
±4 hours by heating the products in a circulating air
oven at the rated temperature and a relative humidity not
exceeding 20%.
144x12(halfpage)
CBA116
eccentricity
lmax = l + 0.3 mm
bmax = b + 0.3 mm
Fig.17 Lay-out.


Similar Part No. - MKP416

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP416 VISHAY-MKP416 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
More results

Similar Description - MKP416

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32692 TDK-B32692_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors
logo
Electronic Film Capacit...
1213DFR EFC-1213DFR Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213TF EFC-1213TF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213TC EFC-1213TC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EC EFC-1213EC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRA EFC-1213EFRA Datasheet
13Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRB EFC-1213EFRB Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213EF EFC-1213EF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
logo
List of Unclassifed Man...
935 ETC-935 Datasheet
205Kb / 6P
   METALLIZED POLYPROPYLENE CAPACITORS
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com