Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP416 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # MKP416
Description  Metallized polypropylene filter capacitors
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MKP416 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button MKP416 Datasheet HTML 14Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 15Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 16Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 17Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 18Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 19Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 20Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 21Page - List of Unclassifed Manufacturers MKP416 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
2002 Oct 09
18
BCcomponents
Product specification
Metallized polypropylene filter capacitors
MKP 419
URdc =
=== 400 V; URac ==== 125 V; Up-p ==== 350 V
C
(E 24)
(
µµµµF)
DIMENSIONS
b
×××× h ×××× l
(mm)
MASS
(g)
CATALOGUE NUMBER 2222 419 ..... AND PACKAGING
REEL
LOOSE IN BOX
H
==== 18.5 mm; P0 ==== 12.7 mm
lt =
=== 4.0 ++++1.0/−−−−0.5 mm
C-tol
=±2%
last 5 digits of
catalogue number
SPQ
SPQ
Pitch
==== 5.0 ±±±±0.3 mm; dt ==== 0.50 ±±±±0.05 mm
0.001
3.5
× 8.0 × 7.2
0.35
11002
1500
3000
0.0011
11102
0.0012
11202
0.0013
11302
0.0015
11502
0.0016
11602
0.0018
11802
0.002
12002
0.0022
12202
0.0024
12402
0.0027
12702
0.003
13002
0.0033
13302
0.0036
13602
0.0039
13902
0.0043
4.5
× 9.0 × 7.2
0.45
14302
1000
2000
0.0047
14702
0.0051
15102
0.0056
15602
0.0062
16202
0.0068
16802
0.0075
17502
0.0082
18202
0.0091
19102
0.01
11003
0.011
11103
0.012
11203
0.013
6.0
× 11.0 × 7.2
0.60
11303
750
1500
0.015
11503
0.016
11603
0.018
11803
0.02
12003


Similar Part No. - MKP416

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP416 VISHAY-MKP416 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
More results

Similar Description - MKP416

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32692 TDK-B32692_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors
logo
Electronic Film Capacit...
1213DFR EFC-1213DFR Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213TF EFC-1213TF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213TC EFC-1213TC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EC EFC-1213EC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRA EFC-1213EFRA Datasheet
13Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRB EFC-1213EFRB Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213EF EFC-1213EF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
logo
List of Unclassifed Man...
935 ETC-935 Datasheet
205Kb / 6P
   METALLIZED POLYPROPYLENE CAPACITORS
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com