11 / 40 page
2002 Oct 09
11
BCcomponents
Product specification
Metallized polypropylene filter capacitors
MKP 417
MKP 417 GENERAL DATA
PITCH 15 mm
Specific reference data for the 160 V DC capacitors
Available 160 V DC versions
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
0.27
µF < C ≤ 0.39 µF
≤10 × 10−4
≤40 × 10−4
0.39
µF < C ≤ 0.56 µF
≤10 × 10−4
≤45 × 10−4
0.56
µF < C ≤ 0.75 µF
≤10 × 10−4
≤50 × 10−4
0.75
µF < C ≤ 1.1 µF
≤10 × 10−4
≤60 × 10−4
Rated voltage pulse slope (dU/dt)R at 160 V (DC)
50 V/
µs
R between leads, for C
≤ 0.33 µF at 100 V; 1 minute
>100000 MΩ
RC between leads, for C
> 0.33 µF at 100 V; 1 minute
>30000 s
R between interconnected leads and case at 100 V; 1 minute
>100000 MΩ
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
260 V; 1 minute
Withstanding (DC) voltage between leads and case
2840 V; 1 minute
PACKAGING
DIMENSIONS
C-tol
FIRST 9 DIGITS OF
CATALOGUE NUMBER
ORDERING
Taped on reel
H
= 18.5 mm; P0 = 12.7 mm;
reel diameter 356 mm
±5%
2222 417 0....
on request
±2%
2222 417 1....
preferred
Loose in box
lt = 3.5 ±0.3 mm
±5%
2222 417 6....
on request
±2%
2222 417 7....
preferred
Fig.7 Outline.
296x12(full_width)
CBA237
l
b
P
Ødt
h
lt