Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT10D Datasheet(PDF) 1 Page - T-Global Technology

Part # GT10D
Description  Thermal Pad
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology

GT10D Datasheet(HTML) 1 Page - T-Global Technology

  GT10D Datasheet HTML 1Page - T-Global Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
More Innovation. Less Heat.
Units 1-2 Cosford Business Park, Central Park, Lutterworth, Leicestershire, LE17 4QU, United Kingdom
T +44 (0)1455 553 510
E sales@tglobaltechnology.com
W www.tglobaltechnology.com
Version18
20220801
T-Global Technology (Europe & North America) Limited
NOTICE: The information contained herein is to the best of our knowledge true and accurate. Values stated in this technical data sheet represent typical values as not all tests are run on each lot of material
produced. All specifications are subject to change without notice. The protective film and release paper does not affect the function of the product. If there is no special requirement, the default depends on
T-Global. Since the varied conditions of potential use are beyond our control, all recommendations or suggestions are presented without guarantee or responsibility on our part and users should make their
own test to determine the suitability of our products in any specific situation. This product is sold without warranty either expressed or implied, of fitness for a particular purpose or otherwise, except that this
product shall be of standard quality, and except to the extent otherwise stated in T-Global Technology’s invoice, quotation, or order acknowledgment.
We disclaim any and all liabilities incurred in connection with the use of information contained herein, or otherwise. All risks of such are assumed by the user. Furthermore, nothing contained herein shall be
construed as a recommendation to use any process or to manufacture or to use any product in conflict with existing or future patents covering any product or material or its use.
T-Global Technology are proud to announce
the launch of a new company logo and mission
statement as part of the ongoing growth and
evolution of our company’s brand.
(old version)
Features
Applications
2
Properties
Electronic components - Electric Vehicles, 5G, Autopilot System, Mobile
Phone, AIOT, HPC (High Performance Computing), Server, IC, CPU, MOS, LED,
Mother Board,Power Supply, Heat Sink, LCD-TV, Notebook, PC, Telecom Device,
Wireless Hub, DDR ll Module, etc.
Hardness : 75 (Shore A)
0
5
10
15
20
25
30
40
80
0 0.8 1.2 1.4 1.6 1.7 1.8 2.2 3.2 3.6 4.0 4.5 5.0
15
20
Thermal Conductivity : 1.5 W/mK
•Smoothsurface&lowcontactresistance
• Lowthermalresistance
• Highstabality
•Greatreliability
RoHS Compliant
Thermal Pad
GT10D
Properties
GT10D
Unit
Tolerance
Test Method
Thermal Conductivity
1.5
W/mK
±10%
ASTM D5470
Thickness
0.25
mm
-
ASTM D374
Color
Pink
-
-
Visual
Reinforcement Carrier
Fiberglass mesh
-
-
-
Dielectric Breakdown Voltage
6
KV
-
ASTM D149
Weight Loss
<0.2
%
-
ASTM E595
Density
2
g/cm³
±10%
ASTM D792
Working Temperature
-45~+180
°C
-
-
Volume Resistance
>10¹²
Ohm-m
-
ASTM D257
Elongation
50
%
-
ASTM D412
Tensile Strength
150
kgf/cm²
-
ASTM D412
Standard Format
Sheets one
-
-
-
Hardness
75
Shore A
±7
ASTM D2240
※Differenttolerancesaccordingtotheselectedthickness
※Pre-cutfordifferentshapes


Similar Part No. - GT10D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GT10 ETC2-GT10 Datasheet
168Kb / 2P
PNEUMATIC TURBINE VIBRATIORS
logo
Hirose Electric
GT10-16DP-DS HIROSE-GT10-16DP-DS Datasheet
177Kb / 8P
Subminiature ECU Interface Connectors
GT10-16DP-HU HIROSE-GT10-16DP-HU Datasheet
177Kb / 8P
Subminiature ECU Interface Connectors
GT10-16DP-R HIROSE-GT10-16DP-R Datasheet
177Kb / 8P
Subminiature ECU Interface Connectors
GT10-16DS-HU HIROSE-GT10-16DS-HU Datasheet
177Kb / 8P
Subminiature ECU Interface Connectors
More results

Similar Description - GT10D

ManufacturerPart #DatasheetDescription
logo
CUI INC
SF100 CUI-SF100 Datasheet
241Kb / 2P
THERMAL PAD
logo
CUI Devices
SF100 CUID-SF100 Datasheet
234Kb / 2P
THERMAL PAD
08/05/2022
SF400 CUID-SF400 Datasheet
236Kb / 2P
THERMAL PAD
08/05/2022
logo
T-Global Technology
TG-A373F TGLOBAL-TG-A373F Datasheet
404Kb / 1P
Thermal Pad
20230721
TG-A373L TGLOBAL-TG-A373L Datasheet
379Kb / 1P
Thermal Pad
20230721
TG-A373S TGLOBAL-TG-A373S Datasheet
398Kb / 1P
Thermal Pad
20230712
TG-A375S TGLOBAL-TG-A375S Datasheet
411Kb / 1P
Thermal Pad
20230721
TG-A486G TGLOBAL-TG-A486G Datasheet
364Kb / 1P
Thermal Pad
20230721
TG-AL373 TGLOBAL-TG-AL373 Datasheet
367Kb / 1P
Thermal Pad
20230721
TG-AL375 TGLOBAL-TG-AL375 Datasheet
422Kb / 1P
Thermal Pad
20230721
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com