Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRS6028T3R0NMGJ Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # NRS6028T3R0NMGJ
Description  Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRS6028T3R0NMGJ Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  NRS6028T3R0NMGJ Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc NRS6028T3R0NMGJ Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc NRS6028T3R0NMGJ Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
LSXND6060WHL3R0NMG (Previous PN: NRS6028T3R0NMGJ)
Features
Item Summary
3.0uH±30%, 3.4A, 6.0x6.0x2.8mm
Lifecycle Stage
Mass Production (Preferred)
Standard packaging quantity (minimum)
Taping Embossed 2000pcs
Products characteristics table
Inductance
3.0 uH ± 30 %
Case Size (mm)
6.0x6.0
Rated Current (max)
3.4 A
Saturation Current (max)
3.6 A (⊿L=30%)
Saturation Current (typ)
4.3 A (⊿L=30%)
Temperature Rise Current (max)
3.4 A (⊿T=40℃)
Temperature Rise Current (typ)
3.9 A (⊿T=40℃)
DC Resistance (max)
29.9 mΩ
DC Resistance (typ)
23 mΩ
LQ Measuring Frequency
100 kHz
Self Resonant Frequency (min)
55 MHz
Operating Temp. Range
-25 to +125 ℃
(Including-self-generated heat)
Temperature characteristic
± 20 %
(Inductance change)
RoHS Compliance (10 subst.)
Yes
REACH Compliance (223 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
6.0 ±0.2 mm
Dimension W
6.0 ±0.2 mm
Dimension H
Max 2.8 mm
Dimension e
1.35 ±0.2 mm
Dimension f
4.0 ±0.2 mm
Dimension ΔI
Typ 2.3 mm
Recommended Land Patterns
2023.01.31
1 / 1


Similar Part No. - NRS6028T3R0NMGJ

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NRS6028T3R0NMGJ TAIYO-YUDEN-NRS6028T3R0NMGJ Datasheet
148Kb / 1P
SMD Power Inductors
NRS6028T3R0NMGJ TAIYO-YUDEN-NRS6028T3R0NMGJ Datasheet
295Kb / 3P
SMD Power Inductors (NR series S type)
NRS6028T3R0NMGJ8 TAIYO-YUDEN-NRS6028T3R0NMGJ8 Datasheet
303Kb / 3P
SMD Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (NR series S type)
NRS6028T3R0NMGJV TAIYO-YUDEN-NRS6028T3R0NMGJV Datasheet
161Kb / 2P
SMD Power Inductors for Automotive
NRS6028T3R0NMGJ TAIYO-YUDEN-NRS6028T3R0NMGJ_19 Datasheet
295Kb / 3P
SMD Power Inductors (NR series S type)
More results

Similar Description - NRS6028T3R0NMGJ

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LSXND5050WDL2R2NMG TAIYO-YUDEN-LSXND5050WDL2R2NMG Datasheet
371Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXND5050WDL4R7MMG TAIYO-YUDEN-LSXND5050WDL4R7MMG Datasheet
371Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXND5050WKT2R2NMG TAIYO-YUDEN-LSXND5050WKT2R2NMG Datasheet
372Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXND5050WKT470MMG TAIYO-YUDEN-LSXND5050WKT470MMG Datasheet
368Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXNE3030KKT2R2MN TAIYO-YUDEN-LSXNE3030KKT2R2MN Datasheet
369Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXNE3030MKT150MN TAIYO-YUDEN-LSXNE3030MKT150MN Datasheet
368Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXND6060WHL1R5NMG TAIYO-YUDEN-LSXND6060WHL1R5NMG Datasheet
371Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXND4040KKL100MDG TAIYO-YUDEN-LSXND4040KKL100MDG Datasheet
369Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXND4040KKL220MDG TAIYO-YUDEN-LSXND4040KKL220MDG Datasheet
369Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXND4040TKL221MDG TAIYO-YUDEN-LSXND4040TKL221MDG Datasheet
367Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com