Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9401EHJ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9401EHJ
Description  Quad ECL/PECL Differential Buffers/Receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9401EHJ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9401EHJ Datasheet HTML 1Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 2Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 3Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 4Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 5Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 6Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 7Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 8Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Detailed Description
The MAX9401/MAX9404 are extremely fast, low-skew
quad ECL/PECL buffers/receivers designed for high-
speed data and clock driver applications. These
devices feature ultra-low propagation delay of 365ps
and channel-to-channel skew of 15ps in asynchronous
mode with 84mA supply current, making them ideal for
driving long cables and double termination applications
(Functional Diagram).
The four channels can be operated synchronously with
an external clock, or in asynchronous mode, deter-
mined by the state of the SEL input. An enable input
provides the ability to force all the outputs to a differen-
tial low state.
Data Input Termination
Figure 1 shows the input and output configuration of
the MAX9401/MAX9404. The MAX9401 has high-
impedance inputs and requires external termination.
The MAX9404 has integrated 100
Ω differential input
termination resistors across each of the four inputs (IN_
to IN_), reducing external component count.
Outputs
The MAX9401/MAX9404 have double-swing open-emit-
ter outputs as shown in Figure 1. The double-amplitude
swing outputs can drive double-terminated links or long
Quad ECL/PECL Differential
Buffers/Receivers
_______________________________________________________________________________________
5
PIN
NAME
FUNCTION
6EN
Noninverting Differential Output Enable Input. Setting EN = high and EN = low (differential high)
enables the outputs. Setting EN = low and EN = high (differential low) sets the outputs to logic low.
7
EN
Inverting Differential Output Enable Input
9
IN3
Noninverting Differential Input 3
10
IN3
Inverting Differential Input 3
12
OUT3
Inverting Differential Output 3
13
OUT3
Noninverting Differential Output 3
14, 20, 21, 27
VEE
Negative Supply Voltage
15
IN2
Noninverting Differential Input 2
16
IN2
Inverting Differential Input 2
18
OUT2
Inverting Differential Output 2
19
OUT2
Noninverting Differential Output 2
22
OUT1
Noninverting Differential Output 1
23
OUT1
Inverting Differential Output 1
25
IN1
Inverting Differential Input 1
26
IN1
Noninverting Differential Input 1
28
OUT0
Noninverting Differential Output 0
29
OUT0
Inverting Differential Output 0
31
IN0
Inverting Differential Input 0
32
IN0
Noninverting Differential Input 0
EP*
Exposed Paddle. EP is electrically connected to VEE. Solder EP to PC board.
*QFN-EP package only.
Pin Description (continued)


Similar Part No. - MAX9401EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9400 MAXIM-MAX9400 Datasheet
252Kb / 13P
   Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9400EGJ MAXIM-MAX9400EGJ Datasheet
252Kb / 13P
   Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9400EHJ MAXIM-MAX9400EHJ Datasheet
252Kb / 13P
   Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9402EGJ MAXIM-MAX9402EGJ Datasheet
252Kb / 13P
   Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9402EHJ MAXIM-MAX9402EHJ Datasheet
252Kb / 13P
   Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
More results

Similar Description - MAX9401EHJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com