Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9401EHJ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9401EHJ
Description  Quad ECL/PECL Differential Buffers/Receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9401EHJ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9401EHJ Datasheet HTML 1Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 2Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 3Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 4Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 5Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 6Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 7Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 8Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Quad ECL/PECL Differential
Buffers/Receivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to VEE .............................................................-0.3V to +6.0V
All Other Pins to VEE...................................-0.3V to (VCC + 0.3V)
Differential Input Voltage….................................................±3.0V
Continuous Output Current .................................................70mA
Surge Output Current….. ..................................................100mA
Continuous Power Dissipation (TA = +70°C)
32-Pin 5mm x 5mm TQFP (derate 9.5mW/°C
above +70°C) ..............................................................761mW
32-Pin 5mm x 5mm QFN-EP (derate 21.3mW/°C
above +70°C) ..................................................................1.7W
Junction-to-Ambient Thermal Resistance in Still Air
32-Pin TQFP ............................................................+105°C/W
32-Pin QFN-EP…. .....................................................+47°C/W
Junction-to-Ambient Thermal Resistance with
500LFPM Airflow
32-Pin TQFP ..............................................................+73°C/W
Junction-to-Case Thermal Resistance
32-Pin TQFP ..............................................................+25°C/W
32-Pin QFN-EP… ........................................................+2°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
ESD Protection
Human Body Model (Inputs and Outputs) .................>1.25kV
Soldering Temperature (10s) ...........................................+300°C
DC ELECTRICAL CHARACTERISTICS
(VCC - VEE = +3.0V to +5.5V, outputs terminated with 50
Ω ±1% to VCC - 3.3V, inputs are driven, unless otherwise noted. Typical val-
ues are at VCC - VEE = +3.3V, VIHD = VCC - 0.9V, VILD = VCC - 1.7V, TA = +25°C, unless otherwise noted.) (Notes 1, 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUTS (IN_,
IN_, CLK, CLK, EN, EN, SEL, SEL)
Differential Input High Voltage
VIHD
Figure 3
VEE +
2.0
VCC
V
Differential Input Low Voltage
VILD
Figure 3
VEE
VCC -
0.2
V
Differential Input Voltage
VID
Figure 3
0.2
3.0
V
MAX9401
EN, EN, SEL, SEL, IN_, IN_,
CLK, or CLK = VIHD or VILD
-10
25
Input Current
IIH, IIL
MAX9404
EN, EN , SEL, SEL, CLK, or
CLK = VIHD or VILD
-10
25
µA
IN to IN Differential Input
Resistance
RIN
MAX9404
86
114
OUTPUTS (OUT_,
OUT_)
Differential Output Voltage
VOH - VOL
Figure 3
1.2
1.4
V
Output Common-Mode Voltage
VOCM
Figure 3
VCC -
1.8
VCC -
1.4
V
POWER SUPPLY
Supply Current
IEE
(Note 4)
84
118
mA


Similar Part No. - MAX9401EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9400 MAXIM-MAX9400 Datasheet
252Kb / 13P
Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9400EGJ MAXIM-MAX9400EGJ Datasheet
252Kb / 13P
Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9400EHJ MAXIM-MAX9400EHJ Datasheet
252Kb / 13P
Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9402EGJ MAXIM-MAX9402EGJ Datasheet
252Kb / 13P
Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9402EHJ MAXIM-MAX9402EHJ Datasheet
252Kb / 13P
Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
More results

Similar Description - MAX9401EHJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
3.3V ECL/PECL Quad Differential Receiver
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
ECL/PECL Differential Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com