Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9401EHJ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9401EHJ
Description  Quad ECL/PECL Differential Buffers/Receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9401EHJ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9401EHJ Datasheet HTML 1Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 2Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 3Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 4Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 5Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 6Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 7Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 8Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX9401/MAX9404 are extremely fast and low-
skew quad ECL/PECL differential buffers/receivers for
data and clock signals. The four channels can be oper-
ated synchronously with an external clock, or in asyn-
chronous mode, determined by the state of the SEL
input. An enable input provides the ability to force all
the outputs to a differential low state.
The MAX9401 has high-impedance (open) input and
the MAX9404 has an integrated 100
Ω differential input
termination, which reduces external component count.
Both devices have double amplitude swing open emit-
ter outputs suitable for driving long cables. The
MAX9401/MAX9404 operate over a VCC - VEE = +3.0V
to +5.5V supply range, and are specified for operation
from -40°C to +85°C. These devices are offered in
space-saving 32-pin 5mm x 5mm QFN exposed-paddle
(EP) and TQFP packages.
Applications
Data and Clock Driver and Buffer
Central Office Backplane Clock Distribution
DSLAM Backplane
Base Station
ATE
Features
o Differential Double-Swing ECL/PECL Outputs
o Input Compatible with LVECL/LVPECL
o Guaranteed 900mV Differential Output at 3.0GHz
Clock Rate
o 365ps Propagation Delay in Asynchronous Mode
o 10ps Channel-to-Channel Skew in Synchronous
Mode
o Integrated 100Ω Input Terminations (MAX9404)
o Compatible +3.3V/+5.0V Nominal Supplies
o Selectable Synchronous/Asynchronous
Operation
Quad ECL/PECL Differential
Buffers/Receivers
________________________________________________________________ Maxim Integrated Products
1
*EXPOSED PAD AND CORNER PINS ARE CONNECTED TO VEE
TOP VIEW
17
18
19
20
21
22
23
VCC
*
*
*
**
OUT2
OUT2
VEE
VEE
OUT1
OUT1
8
7
6
5
4
3
2
VCC
EN
EN
CLK
CLK
SEL
SEL
QFN-EP*
1
VCC
24
VCC
MAX9401/
MAX9404
MAX9401
MAX9404
32
28
29
30
31
25
26
27
10
13
15
14
16
11
12
9
17
18
19
20
21
22
23 OUT1
24 VCC
OUT1
VEE
VEE
OUT2
OUT2
VCC
2
3
4
5
6
7
8
VCC
EN
EN
CLK
CLK
SEL
SEL
1
VCC
TQFP
Pin Configurations
19-2245; Rev 0; 10/01
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
*Future product—contact factory for availability.
**EP = Exposed paddle
Ordering Information
PART
TEMP.
RANGE
PIN-
PACKAGE
INPUT
IMPEDANCE
MAX9401EGJ*
-40°C to
+85°C
32 QFN-EP**
(5mm x 5mm)
Open
MAX9401EHJ
-40°C to
+85°C
32 TQFP
(5mm x 5mm)
Open
MAX9404EGJ*
-40°C to
+85°C
32 QFN-EP**
(5mm x 5mm)
100
MAX9404EHJ
-40°C to
+85°C
32 TQFP
(5mm x 5mm)
100
Functional Diagram appears at end of data sheet.


Similar Part No. - MAX9401EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9400 MAXIM-MAX9400 Datasheet
252Kb / 13P
Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9400EGJ MAXIM-MAX9400EGJ Datasheet
252Kb / 13P
Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9400EHJ MAXIM-MAX9400EHJ Datasheet
252Kb / 13P
Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9402EGJ MAXIM-MAX9402EGJ Datasheet
252Kb / 13P
Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9402EHJ MAXIM-MAX9402EHJ Datasheet
252Kb / 13P
Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
More results

Similar Description - MAX9401EHJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
3.3V ECL/PECL Quad Differential Receiver
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
ECL/PECL Differential Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com