Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9401EHJ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9401EHJ
Description  Quad ECL/PECL Differential Buffers/Receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9401EHJ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9401EHJ Datasheet HTML 3Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 4Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 5Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 6Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 7Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 8Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 9Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 10Page - Maxim Integrated Products MAX9401EHJ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Ensure that the output currents do not exceed the cur-
rent limits as specified in the Absolute Maximum
Ratings. Under all operating conditions, the device’s
total thermal limits should be observed.
Power-Supply Bypassing
Adequate power-supply bypassing is necessary to
maximize the performance and noise immunity. Bypass
VCC to VEE with high-frequency surface-mount ceramic
0.1µF and 0.01µF capacitors as close to the device as
possible, with the 0.01µF capacitor closest to the
device pins. Use multiple bypass vias for connection to
minimize inductance.
Circuit Board Traces
Input and output trace characteristics affect the perfor-
mance of the MAX9401/MAX9404. Connect each of the
inputs and outputs to a 50
Ω characteristic impedance
trace. Avoid discontinuities in differential impedance
and maximize common-mode noise immunity by main-
Quad ECL/PECL Differential
Buffers/Receivers
_______________________________________________________________________________________
7
Figure 3. Input and Output Voltage Definitions
VCC
VID
VID = 0
VIHD (MAX)
VCC
VEE
VILD (MAX)
VOH - VOL
VOCM
VOH
VOL
VEE
VID
VID = 0
VIHD (MIN)
VILD (MIN)
INPUT VOLTAGE DEFINITION
OUTPUT VOLTAGE DEFINITION
Figure 4. IN to OUT Propagation Delay Timing Diagram
tPLH1
tPHL1
VOH - VOL
VIHD - VILD
VOH - VOL
VOH - VOL
tR
tF
80%
20%
20%
80%
DIFFERENTIAL OUTPUT
WAVEFORM
IN_
IN_
OUT_
OUT_
OUT_ - OUT_
(SEL = HIGH, EN = HIGH)


Similar Part No. - MAX9401EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9400 MAXIM-MAX9400 Datasheet
252Kb / 13P
   Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9400EGJ MAXIM-MAX9400EGJ Datasheet
252Kb / 13P
   Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9400EHJ MAXIM-MAX9400EHJ Datasheet
252Kb / 13P
   Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9402EGJ MAXIM-MAX9402EGJ Datasheet
252Kb / 13P
   Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9402EHJ MAXIM-MAX9402EHJ Datasheet
252Kb / 13P
   Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
More results

Similar Description - MAX9401EHJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com