Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

337-068-558-201 Datasheet(PDF) 3 Page - EDAC, All Rights Reserved.

Part # 337-068-558-201
Description  337 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

337-068-558-201 Datasheet(HTML) 3 Page - EDAC, All Rights Reserved.

  337-068-558-201 Datasheet HTML 1Page - EDAC, All Rights Reserved. 337-068-558-201 Datasheet HTML 2Page - EDAC, All Rights Reserved. 337-068-558-201 Datasheet HTML 3Page - EDAC, All Rights Reserved. 337-068-558-201 Datasheet HTML 4Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.edac.net
customerservice@edac.net
337/387 SERIES
MOUNTING OPTION
CODES x78
.250 (6.35)
CODES x58 & 68
MOUNTING OPTION
.250 (6.35)
#4-40 UNC
THREADED
DIMENSION
CONNECTOR
INSERT
B
CONNECTOR
DIMENSION
B
#4-40 UNC
THREADED
INSERT
"A"
CODE x03
MOUNTING OPTION
DIMENSION
CONNECTOR
B
FLOATING EYELETS
.116 (2.95) I.D.
.005 (0.51) VERTICAL
FLOAT
CODES x02 AND xO4
MOUNTING OPTION
.250 (6.35) DIA
CONNECTOR
DIMENSION
B
FLOAT
.010 (0.25) RADIAL
HOLES
DIA THROUGH
CODE x01
MOUNTING OPTION
C
DIMENSION
CONNECTOR
0.328(8.33)
A
(NO MOUNTING LUGS)
(THROUGH MOUNTING HOLES)
(FLOATING EYLETS)
(OFFSET CARD GUIDES)
(IN-LINE CARD GUIDE)
1.550(39.37)
0.090(2.29)
CONNECTOR
CONNECTOR
CARD GUIDE
CARD GUIDE
"C"
"B"
CODE X58 = 0.423(10.74)
CODE X68 = 0.242(6.15)
CODES X58 & X68- OFFSET CARD GUIDES
CODE X58
0.468(11.89)
CODE X68
0.344(8.74)
"A"
0.125(3.05)
0.060(1.52)
"C"
2.755(69.98)
2.505(63.63)
"B"
MOUNTING OPTION
CODE x12
DIMENSION
CONNECTOR B
THROUGH HOLES
.128 (3.25) DIA
MOUNTING OPTION
CODES x07 & x08
CONNECTOR
DIMENSION B
0.125(3.18)
#4-40 UNC
THREADED INSERTS
CODE x08
M3-0.5 METRIC
CODE x07
(THREADED INSERTS)
(SIDE MOUNTING HOLES)
CODE X02 AND X04- THROUGH MTG. HOLES
CODE X02
CODE X04
"A" DIA.
0.128(3.25)
0.156(3.96)
CODE X07 AND X08- THREADED INSERTS
INSERT
CODE X07
CODE X08
M3-0.5(METRIC)
#4-40 UNC
Card Edge Connectors 0.156” (3.96mm) Pitch


Similar Part No. - 337-068-558-201

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
337-068-558-201 EDAC-337-068-558-201 Datasheet
163Kb / 3P
   337 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com