Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

337-068-558-201 Datasheet(PDF) 2 Page - EDAC, All Rights Reserved.

Part # 337-068-558-201
Description  337 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

337-068-558-201 Datasheet(HTML) 2 Page - EDAC, All Rights Reserved.

  337-068-558-201 Datasheet HTML 1Page - EDAC, All Rights Reserved. 337-068-558-201 Datasheet HTML 2Page - EDAC, All Rights Reserved. 337-068-558-201 Datasheet HTML 3Page - EDAC, All Rights Reserved. 337-068-558-201 Datasheet HTML 4Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.edac.net
customerservice@edac.net
337/387 SERIES
NUMBER OF CONTACTS
"A"
"B"
"C"
"D"
"E"
Single
Double
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
6
12
1.842
46.79
1.532
38.91
1.246
31.65
1.100
27.94
0.780
19.81
10
20
2.466
62.64
2.156
54.76
1.870
47.50
1.724
43.79
1.404
35.66
12
24
2.778
70.56
2.468
62.69
2.182
55.42
2.036
51.71
1.716
43.59
15
30
3.246
82.45
2.936
74.57
2.650
67.31
2.504
63.60
2.184
55.47
18
36
3.714
94.34
3.404
86.46
3.118
79.20
2.972
75.49
2.652
67.36
22
44
4.338
110.19
4.028
102.31
3.742
95.05
3.596
91.34
3.276
83.21
25
50
4.806
122.07
4.496
114.20
4.210
106.93
4.064
103.23
3.744
95.10
26
52
4.962
126.03
4.652
118.16
4.366
110.90
4.220
107.19
3.900
99.06
28
56
5.278
134.06
4.964
126.09
4.678
118.82
4.532
115.11
4.212
106.98
31
62
5.742
145.85
5.432
137.97
5.146
130.71
5.000
127.00
4.680
118.87
33
66
6.054
153.77
5.744
145.90
5.458
138.63
5.312
134.92
4.992
126.80
36
72
6.522
165.66
6.212
157.78
5.926
150.52
5.780
146.81
5.460
138.68
43
86
7.614
193.40
7.304
185.52
7.018
178.26
6.872
174.55
6.552
166.42
Card Edge Connectors 0.156” (3.96mm) Pitch


Similar Part No. - 337-068-558-201

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
337-068-558-201 EDAC-337-068-558-201 Datasheet
163Kb / 3P
   337 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com