Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

337-064-559-207 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 337-064-559-207
Description  337 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

337-064-559-207 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  337-064-559-207 Datasheet HTML 1Page - EDAC, All Rights Reserved. 337-064-559-207 Datasheet HTML 2Page - EDAC, All Rights Reserved. 337-064-559-207 Datasheet HTML 3Page - EDAC, All Rights Reserved. 337-064-559-207 Datasheet HTML 4Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features:
www.edac.net
Specifications:
customerservice@edac.net
Ordering Code Notes:
1) All connector sizes up to 43 contacts single row / 86 contacts dual row
are available upon request.
2) The 500 contact code is only available in the 337 series. Green
Diallyl Phthalate insulator material will be supplied.
3) For details of the extender board and 90 degree bends refer to our website.
4 For lugless connectors, code 01 mounting, specify contact row code 1 or 2.
5) In-line card guides are only available with offset mounting lugs.
6) For details of the mounting options refer to next pages.
Insulator Material
UL 94V-0 Thermoplastic Polyester
Contact Material
Copper Alloy
Contact Plating
Gold Plating on mating area and Tin Plating on tails with Nickel underplating all over
Current Rating
3 amps
Contact Resistance
10 milliohms maximum
Dielectric Withstanding Voltage
1800 V AC rms at sea level between adjacent contacts
Insulation Resistance
5000 megaohms minimum
Operating Temperature
-40°C to +105°C
Insertion Force
16 oz (4.45 N) maximum per contact pair when tested with .070” (1.78mm) thick gauge
Withdrawal Force
1 oz (0.28 N) minimum per contact pair when tested with .054” (1.37mm) thick gauge
0.156” (3.96mm) contact spacing by 0.200” (5.08mm) row spacing
Accepts 0.062” (1.57mm) nominal thickness P.C. board
High profile insulator body, 0.600” (15.24mm)
Card slot depth 0.330” (8.38mm)
Contact termination options include P.C. tail, wire hole, wire wrap, 90° and extender board bends
Single or dual row configurations
Large variety of mounting options, flush or offset lugs
Accepts between contact and in-contact polarizing keys
Pre-assembled card guides are available
RoHS Compliant & UL certified
337/387 SERIES
Series
Total Number of Contacts
Contact Code
Contact Rows and Insulator Style
Mounting Options
Example Part Number
337-086-524-204
Series:
Insulator Color:
337
Green
387
Black
Total Number of Contacts:
Contact Rows:
006, 007, . . . . 043
Single Row
012, 014, . . . . 086
Dual Row
Contact Rows:
Insulator Style:
1
Single Row, Flush Mounting Lugs
2
Dual Row, Flush Mounting Lugs
6
Single Row, .170 (4.32) Offset Lugs
8
Dual Row, .170 (4.32) Offset Lugs
Mounting Options:
Description:
01
No Mounting Lug
02
Ø.128” (Ø3.25mm) Mounting Holes
03
Ø.116” (Ø2.95mm) I.D. Floating Eyelets
04
Ø.156” (Ø3.96mm) Mounting Holes
07
M3-0.5 Metric Threaded Inserts
08
#4-40 Unified Threaded Inserts
12
Ø.128” (Ø3.25mm) Side Mounting Holes
58
.468” (11.89mm) Offset Card Guides
68
.344” (8.74mm) Offset Card Guides
78
In-Line Card Guides
Contact Code:
Tail Description:
Tail Size:
Tail Length “G”:
500
Wire Hole
.050 x .025 (1.27 x 0.64)
.260 (6.60)
520
P.C. Tail
.030 x .018 (0.76 x 0.46)
.175 (4.45)
521
P.C. Tail
.025 Square (0.64 Square)
.150 (3.81)
523
P.C. Tail
.025 Square (0.64 Square)
.390 (9.91)
524
P.C. Tail
.018 Square (0.46 Square)
.175 (4.45)
540
Wire Wrap
.025 Square (0.64 Square)
.560 (14.22)
541
Wire Wrap
.025 Square (0.64 Square)
.750 (19.05)
542
Wire Wrap
.025 Square (0.64 Square)
.645 (16.38)
544
Wire Wrap
.050 x .025 (1.27 x 0.64)
.750 (19.05)
555
EXTENDER BOARD BEND
(Code 500 Contacts)
556
EXTENDER BOARD BEND
(Code 520 Contacts)
558
90 DEGREE BEND
(Code 541 Contacts)
559
90 DEGREE BEND
(Code 541 Contacts)
560
EXTENDER BOARD BEND
(Code 523 Contacts)
Card Edge Connectors 0.156” (3.96mm) Pitch


Similar Part No. - 337-064-559-207

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
337-064-559-207 EDAC-337-064-559-207 Datasheet
162Kb / 3P
   337 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com