Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-B3137N Datasheet(PDF) 2 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-B3137N
Description  LED Components
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-B3137N Datasheet(HTML) 2 Page - American Bright OPTOELECTRONICS CORP.

  BL-B3137N Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-B3137N Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
B3
31
13
37
7N
N
Ver.2.0 Page: 2 of 2
SINCE 1981
● Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20mA
-
2.1
2.6
V
Luminous Intensity
Iv
IF=20mA
-
55
-
mcd
Reverse Current
IR
VR=5V
-
-
100
µA
Peak Wave Length
λp
IF=20mA
-
585
-
nm
Dominant Wave Length
λd
IF=20mA
582
-
595
nm
Spectral Line Half-width
∆λ
IF=20mA
-
15
-
nm
Viewing Angle
2
θ
1/2
IF=20mA
-
45
-
deg
● Typical electro-optical characteristics curves
Fig.3 Forward current vs. Forward voltage
Fig.4 Relative luminous intensity
3.0
0
1.0
2.0
Forward current (mA)
20
10
30
40
50
Fig.5 Relative luminous intensity
4.0
0
20
10
30
40
50
vs. Forward current
2
Forward voltage(V)
1
345
Ambient temperature Ta(
)
vs. Ambient temperature
0.5
Fig.6 Radiation diagram
-40
0
-20
20
0
2.0
1.0
1.5
2.5
3.0
60
40
Fig.1 Relative intensity vs. Wavelength
535
0
0.5
1.0
Wavelength
λ(nm)
585
635
Ambient temperature Ta(
)
vs. Ambient temperature
Fig.2 Forward current derating curve
0
20
10
10
30
20
40
60
40
50
60
100
80
0.7
1.0
0.9
0.8
0.5
0.3
0.1
0.2
0
10
40
50
60
70
80
90
0.4
0.6
30
20


Similar Part No. - BL-B3137N

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B3137N YSTONE-BL-B3137N Datasheet
653Kb / 2P
   STANDARD LED LAMPS
More results

Similar Description - BL-B3137N

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-B4532 AMERICANBRIGHT-BL-B4532 Datasheet
108Kb / 2P
   LED Components
Ver.2.0
BL-B2433N AMERICANBRIGHT-BL-B2433N Datasheet
370Kb / 4P
   LED Components
Ver.1.0
BL-B4333 AMERICANBRIGHT-BL-B4333 Datasheet
125Kb / 2P
   LED Components
Ver.1.0
BL-B4533N AMERICANBRIGHT-BL-B4533N Datasheet
109Kb / 2P
   LED Components
Ver.2.0
BL-B2139B AMERICANBRIGHT-BL-B2139B Datasheet
107Kb / 2P
   LED Components
Ver.1.1
BL-B3130A AMERICANBRIGHT-BL-B3130A Datasheet
121Kb / 2P
   LED Components
Ver.2.0
BL-B4533 AMERICANBRIGHT-BL-B4533 Datasheet
106Kb / 2P
   LED Components
Ver.1.0
BL-BB33V2 AMERICANBRIGHT-BL-BB33V2 Datasheet
405Kb / 5P
   LED Components
Ver.1.1
BL-B21V1T AMERICANBRIGHT-BL-B21V1T Datasheet
108Kb / 2P
   LED Components
Ver.1.0
BL-B3133 AMERICANBRIGHT-BL-B3133 Datasheet
103Kb / 2P
   LED Components
Ver.1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com