Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-B3137N Datasheet(PDF) 1 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-B3137N
Description  LED Components
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-B3137N Datasheet(HTML) 1 Page - American Bright OPTOELECTRONICS CORP.

  BL-B3137N Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-B3137N Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
B3
31
13
37
7N
N
Ver.2.0 Page: 1 of 2
SINCE 1981
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
●Package dimensions
1. Chip material: GaAsP/GaP
2. Emitted color : Yellow
3. Lens Appearance : Yellow Diffused
4. Low power consumption.
5. High efficiency.
6. Versatile mounting on P.C. Board or panel.
7. Low current requirement.
8. 4.8mm diameter package.
9. This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
80
mW
Forward Current
IF
30
mA
Peak Forward Current*
1
IFP
150
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40℃~80℃
Storage Temperature
Tstg
-40℃~85℃
Soldering Temperature
Tsol
260℃(for 5 seconds)
*
1Condition for I
FP is pulse of 1/10 duty and 0.1msec width.


Similar Part No. - BL-B3137N

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B3137N YSTONE-BL-B3137N Datasheet
653Kb / 2P
   STANDARD LED LAMPS
More results

Similar Description - BL-B3137N

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-B4532 AMERICANBRIGHT-BL-B4532 Datasheet
108Kb / 2P
   LED Components
Ver.2.0
BL-B2433N AMERICANBRIGHT-BL-B2433N Datasheet
370Kb / 4P
   LED Components
Ver.1.0
BL-B4333 AMERICANBRIGHT-BL-B4333 Datasheet
125Kb / 2P
   LED Components
Ver.1.0
BL-B4533N AMERICANBRIGHT-BL-B4533N Datasheet
109Kb / 2P
   LED Components
Ver.2.0
BL-B2139B AMERICANBRIGHT-BL-B2139B Datasheet
107Kb / 2P
   LED Components
Ver.1.1
BL-B3130A AMERICANBRIGHT-BL-B3130A Datasheet
121Kb / 2P
   LED Components
Ver.2.0
BL-B4533 AMERICANBRIGHT-BL-B4533 Datasheet
106Kb / 2P
   LED Components
Ver.1.0
BL-BB33V2 AMERICANBRIGHT-BL-BB33V2 Datasheet
405Kb / 5P
   LED Components
Ver.1.1
BL-B21V1T AMERICANBRIGHT-BL-B21V1T Datasheet
108Kb / 2P
   LED Components
Ver.1.0
BL-B3133 AMERICANBRIGHT-BL-B3133 Datasheet
103Kb / 2P
   LED Components
Ver.1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com