Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-B2133 Datasheet(PDF) 4 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-B2133
Description  LED Components
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-B2133 Datasheet(HTML) 4 Page - American Bright OPTOELECTRONICS CORP.

  BL-B2133 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-B2133 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-B2133 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-B2133 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
B2
21
13
33
3
Ver.1.1 Page: 4 of 4
●Dip Soldering
10
20
30
40
50
60
70
80
90
100
110
120
30
50
100
300
250
200
150
Fluxing
Preheat
TIME(sec.)
Max:260℃,5sec.
Suggest:2~3sec.
1. Please avoid any external stress applied to the lead-frames and
epoxy while the LEDs are at high temperature,especially during soldering
2. DIP soldering and hand soldering should not be done more than one time.
3. After soldering, avoid the epoxy lens from mechanical shock or
vibration until the LEDs are back to room temerature.
4. Avoid rapid cooling during temperature ramp-down process
5. Although the soldering condition is recommended above,
soldering at the lowest possible temperature is feasible for the LEDs
● IRON Soldering
300℃ Within 3 sec.,One time only.


Similar Part No. - BL-B2133

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B2133 YSTONE-BL-B2133 Datasheet
513Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
BL-B2133 YSTONE-BL-B2133 Datasheet
459Kb / 6P
STANDARD LED LAMPS (ROUND TYPES)
BL-B2133 YSTONE-BL-B2133 Datasheet
461Kb / 6P
STANDARD LED LAMPS (ROUND TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-B2133 BRIGHT-BL-B2133 Datasheet
131Kb / 2P
LED GaP/GaP Green Low current requirement.
logo
Yellow Stone Corp
BL-B2133N YSTONE-BL-B2133N Datasheet
513Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
More results

Similar Description - BL-B2133

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-B2139B AMERICANBRIGHT-BL-B2139B Datasheet
107Kb / 2P
LED Components
Ver.1.1
BL-B21V1T AMERICANBRIGHT-BL-B21V1T Datasheet
108Kb / 2P
LED Components
Ver.1.0
BL-B2433N AMERICANBRIGHT-BL-B2433N Datasheet
370Kb / 4P
LED Components
Ver.1.0
BL-B3130A AMERICANBRIGHT-BL-B3130A Datasheet
121Kb / 2P
LED Components
Ver.2.0
BL-B3133 AMERICANBRIGHT-BL-B3133 Datasheet
103Kb / 2P
LED Components
Ver.1.0
BL-B3137N AMERICANBRIGHT-BL-B3137N Datasheet
134Kb / 2P
LED Components
Ver.2.0
BL-B4333 AMERICANBRIGHT-BL-B4333 Datasheet
125Kb / 2P
LED Components
Ver.1.0
BL-B4532 AMERICANBRIGHT-BL-B4532 Datasheet
108Kb / 2P
LED Components
Ver.2.0
BL-B4533 AMERICANBRIGHT-BL-B4533 Datasheet
106Kb / 2P
LED Components
Ver.1.0
BL-B4533N AMERICANBRIGHT-BL-B4533N Datasheet
109Kb / 2P
LED Components
Ver.2.0
BL-BB33V2 AMERICANBRIGHT-BL-BB33V2 Datasheet
405Kb / 5P
LED Components
Ver.1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com