Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-B2133 Datasheet(PDF) 3 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-B2133
Description  LED Components
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-B2133 Datasheet(HTML) 3 Page - American Bright OPTOELECTRONICS CORP.

  BL-B2133 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-B2133 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-B2133 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-B2133 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
B2
21
13
33
3
Ver.1.1 Page: 3 of 4
● Reliability Test
Classification
Test Item
Reference Standard
Test Conditions
Result
Operation Life MIL-STD-750:1026
MIL-STD-883:1005
JIS-C-7021 :B-1
IF=20mA
Ta=+25℃±5℃
Test time=1,000hrs
0/32
High
Temperature
High Humidity
Storage
MIL-STD-202:103B
JIS-C-7021 :B-11
Ta=+85℃±5℃
RH=90%-95%
Test time=240hrs
0/32
High
Temperature
Storage
MIL-STD-883:1008
JIS-C-7021 :B-10
High Ta=+85℃±5℃
Test time=1,000hrs
0/32
Endurance
Test
Low
Temperature
Storage
JIS-C-7021 :B-12
Low Ta=-45℃±5℃
Test time=1,000hrs
0/32
Temperature
Cycling
MIL-STD-202:107D
MIL-STD-750:1051
MIL-STD-883:1010
JIS-C-7021 :A-4
Ta﹕ +85℃(30min) ~ +25℃(5min) ~
-45℃(30min) ~ +25℃(5min)
Test Time ﹕70min/ctcle
10cycle
0/32
Thermal Shock MIL-STD-202:107D
MIL-STD-750:1051
MIL-STD-883:1011
-45℃±5℃ ~+85℃±5℃
20min
20min
Test Time=10cycle
0/32
Solder
Resistance
MIL-STD-202:201A
MIL-STD-750:2031
JIS-C-7021 :A-1
Preheating:
120℃,within 120-180 sec.
Operation heating:
255℃±5℃within 5 sec.260℃ (Max)
0/32
Environmental
Test
Solderability
MIL-STD-202F:208D
MIL-STD-750D:2026
MIL-STD-883D:2003
JIS C 7021:A-2
T.sol=230±5℃
Dwell Time=5±1secs
0/32
● Judgment criteria of failure for the reliability
Measuring items
Symbol
Measuring conditions
Judgment criteria for failure
Forward voltage
VF (V)
IF=20mA
Over U
1x1.2
Reverse current
IR (uA)
VR=5V
Over U
1x2
Luminous intensity
Iv ( mcd)
IF=20mA
Below S
1X0.5
Note:
1. U means the upper limit of specified characteristics.
S means initial value.
2. Measurment shall be taken between 2 hours and after the test pieces have been returned to normal
ambient conditions after completion of each test.


Similar Part No. - BL-B2133

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B2133 YSTONE-BL-B2133 Datasheet
513Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
BL-B2133 YSTONE-BL-B2133 Datasheet
459Kb / 6P
STANDARD LED LAMPS (ROUND TYPES)
BL-B2133 YSTONE-BL-B2133 Datasheet
461Kb / 6P
STANDARD LED LAMPS (ROUND TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-B2133 BRIGHT-BL-B2133 Datasheet
131Kb / 2P
LED GaP/GaP Green Low current requirement.
logo
Yellow Stone Corp
BL-B2133N YSTONE-BL-B2133N Datasheet
513Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
More results

Similar Description - BL-B2133

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-B2139B AMERICANBRIGHT-BL-B2139B Datasheet
107Kb / 2P
LED Components
Ver.1.1
BL-B21V1T AMERICANBRIGHT-BL-B21V1T Datasheet
108Kb / 2P
LED Components
Ver.1.0
BL-B2433N AMERICANBRIGHT-BL-B2433N Datasheet
370Kb / 4P
LED Components
Ver.1.0
BL-B3130A AMERICANBRIGHT-BL-B3130A Datasheet
121Kb / 2P
LED Components
Ver.2.0
BL-B3133 AMERICANBRIGHT-BL-B3133 Datasheet
103Kb / 2P
LED Components
Ver.1.0
BL-B3137N AMERICANBRIGHT-BL-B3137N Datasheet
134Kb / 2P
LED Components
Ver.2.0
BL-B4333 AMERICANBRIGHT-BL-B4333 Datasheet
125Kb / 2P
LED Components
Ver.1.0
BL-B4532 AMERICANBRIGHT-BL-B4532 Datasheet
108Kb / 2P
LED Components
Ver.2.0
BL-B4533 AMERICANBRIGHT-BL-B4533 Datasheet
106Kb / 2P
LED Components
Ver.1.0
BL-B4533N AMERICANBRIGHT-BL-B4533N Datasheet
109Kb / 2P
LED Components
Ver.2.0
BL-BB33V2 AMERICANBRIGHT-BL-BB33V2 Datasheet
405Kb / 5P
LED Components
Ver.1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com