Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA-J-P-GF-RA-SM1 Datasheet(PDF) 1 Page - Samtec, Inc

Part # SMA-J-P-GF-RA-SM1
Description  SMA TO 18 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SMA-J-P-GF-RA-SM1 Datasheet(HTML) 1 Page - Samtec, Inc

  SMA-J-P-GF-RA-SM1 Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
samtec.com/SMA
SMA
- GENDER - TYPE - PLATING - ORIENTATION - TERMINATION
–J
= Jack
–P
= PCB
Mount
–H
= 30 µ" (0.76 µm) Gold
center contact,
3 µ" (0.08 µm) Gold
outer contact
–GF
= 10 µ" (0.25 µm) Gold
center contact,
3 µ" (0.08 µm) Gold
outer contact
(-SM1 only)
–ST
= Straight
–RA
= Right-angle
–TH1
= Through-hole
–SM1
= Surface Mount
(-GF-RA only)
–EM1
= Edge Mount
(-ST only)
–EM3
= Drop-in Edge Mount
(-ST only)
–MT1
= Mixed Technology
(-ST only)
SERIES
- END1
CONNECTOR
- END2
CONNECTOR
- OVERALLLENGTH
RF25S
= MWC-2550-01 microwave cable with
25 AWG solid FEP dielectric
RF402
=RG 402 (.141") 19 AWG
semi-flexible microwave cable
RF405
= RG 405 (.086") 24 AWG
semi-flexible microwave cable
RF180
= (4.52 mm) .178" overshield DIA,
16 AWG microwave cable
RF280
= (7 mm) .277" overshield DIA,
11 AWG microwave cable
–01SP1*
= SMA Straight Plug
–01RP1*
= SMA Right-angle Plug
(RF25S not available)
–01BJ1*
= SMA Bulkhead Jack
(RF402 & RF405 not available)
*Remove last “1” from end connector when
specifying RF180 & RF280.
–“XXXX”
= Overall Length in
millimeters
–0100 (100 mm) 3.94"
minimum
ALSO AVAILABLE
SMP = RF25S, RF405
TNCA, N Type = RF180
TNCA, N Type = RF280
SMA TO 18 GHz
SMA
Cable Assemblies
RF25S, RF402, RF405,
RF180, RF280
Cable Mates:
RF25S, RF402,
RF405, RF180, RF280
SMA
Cable Connectors
PRF01
SMA
Board Connectors
SMA-TH, SMA-SM,
SMA-MT, SMA-EM
VSWR
RF25S: 1.60 max.
RF402: 1.50 max.
RF405: 1.35 max.
RF180: 1.35 max.
RF280: 1.35 max.
P-C = Cable Plug
J-C = Cable Jack
EE = Plating (50 µ" Gold center contact & outer contact)
EP = Plating (50 µ" Gold center contact, passivated outer contact)
SS = Straight, Solder Clamp
SD = Straight, Direct Solder
RS = Right-angle, Solder Clamp
4D = 4-hole flange, Direct Solder
(7.00)
.276
(6.35)
.250
(15.10) .594
(3.94)
.155
(9.55)
.376
(7.95)
.313
(10.55)
.415
(13.80)
.543
(13.50)
.531
-ST–TH1
INTERFACE STANDARD
CONNECTORS FOR INDUSTRY STANDARD CABLES
PRF01-P-C-EP-120B-SS
IW 1201, low loss flexible
PRF01-P-C-EP-120-SS
Harbour LL120, low loss flexible
PRF01-P-C-EP-142-SS
Harbour LL142, low loss flexible
PRF01-P-C-EP-190-SS
Semflex HP190, low loss flexible
PRF01-P-C-EP-335-SS
Harbour LL335, low loss flexible
PRF01-P-C-EP-290-SS
Semflex LA290, low loss flexible
PRF01-P-C-EP-142A-SS
Harbour SB142, low loss flexible
PRF01-P-C-EP-142-RS
Harbour LL142, low loss flexible
PRF01-P-C-EP-190-RS
Semflex HP190, low loss flexible
PRF01-J-C-EP-142-SS
Harbour LL142, low loss flexible
PRF01-P-C-EP-141A-SS
Harbour SS402, flexible alternative to RG 402
PRF01-P-C-EP-160-RS
Semflex HP160, low loss flexible
PRF01-P-C-EP-305-SS
Semflex HP305, low loss flexible
PRF01-P-C-EP-335A-SS
Harbour LL335i, low loss flexible
PRF01-P-C-EE-402-SD
RG 402, .141, semi-rigid
PRF01-P-C-EP-150-SS
Dynawave DF150, low loss flexible
PRF01-J-C-EE-405-SD
RG 405, .085, semi-rigid
PRF01-P-C-EE-047D-SD
.047, semi-rigid
PRF01-J-C-EE-047D-4D
.047, semi-rigid
PRF01-J-C-EE-047D-SD
.047, semi-rigid
PRF01-P-C-EP-160-SS
Semflex HP160, low loss flexible
PRF01-P-C-EE-405-SD
RG 405, .085, semi-rigid
PRF01-P-C-EP-200-SS
Times Max Gain 200, low loss flexible
(5.3848) .212
(5.2832) .208
DIA
(6.4770)
.255
DIA
MIN.
(1.2700)
.0500
DIA
(4.3180) .170
(3.8100) .150
(4.6736) .184
(4.6228).182 DIA
(4.5923)
.1808
DIA
MAX
(1.2954) .051
(1.2446) .049 DIA
(4.0894)
.161
DIA
(4.0894)
.161
DIA
(5.5372)
.218 MIN.
(4.7244)
.186 MIN.
Additional connector options available.
Contact RFGroup@samtec.com
F-221


Similar Part No. - SMA-J-P-GF-RA-SM1

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SMA-J-P-GF-RA-SM1 SAMTEC-SMA-J-P-GF-RA-SM1 Datasheet
448Kb / 2P
SMA RIGHT ANGLE, JACK, 50 OHM
9/10/2010
More results

Similar Description - SMA-J-P-GF-RA-SM1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SF-SF50 MINI-SF-SF50 Datasheet
49Kb / 1P
Adapter, SMA-F to SMA-F 50W DC to 18 GHz
SF-SM50 MINI-SF-SM50 Datasheet
47Kb / 1P
Adapters, SMA-F to SMA-M 50W, DC to 18 GHz
SM-SM50 MINI-SM-SM50 Datasheet
49Kb / 1P
Adapter, SMA-M to SMA-M 50W DC to 18 GHz
logo
Pasternack Enterprises,...
PE9014 PASTERNACK-PE9014 Datasheet
260Kb / 3P
Precision SMA Male to SMA Female Bulkhead Adapter 18 Ghz
PE9844 PASTERNACK-PE9844 Datasheet
279Kb / 2P
WR-42 to SMA Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE80T1000 PASTERNACK-PE80T1000 Datasheet
452Kb / 7P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1001 PASTERNACK-PE80T1001 Datasheet
341Kb / 6P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE8654 PASTERNACK-PE8654 Datasheet
357Kb / 3P
50 Ohm SMA Mixer Operating From 6 GHz to 18 GHz
PE9694 PASTERNACK-PE9694 Datasheet
369Kb / 4P
Precision SMA Male to SMA Female Adapter Max. Freq. 18 GHz
PE9695 PASTERNACK-PE9695 Datasheet
368Kb / 4P
Precision SMA Female to SMA Female Adapter, 18 Ghz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com