Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H04Z-0300J2T-00C36-X Datasheet(PDF) 1 Page - Vishay Barry

Part # H04Z-0300J2T-00C36-X
Description  Aluminum Nitride
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry

H04Z-0300J2T-00C36-X Datasheet(HTML) 1 Page - Vishay Barry

  H04Z-0300J2T-00C36-X Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
H04Z-0300J2T-00C36-X
Aluminum Nitride
LEADED ATTENUATOR
Feature:
♦ AlN material
♦ 10 Watt power handling
♦ DC - 3 GHz
General Description:
The H04Z-0300J2T-00C36-X is a leaded
3 dB attenuator with a power rating of 10 Watts max
while maintaining a base plate temperature of 100°C.
It offers a frequency range from DC- 3 GHz.
WWW.BARRYIND.COM
r
e
t
e
m
a
r
a
P
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
e
g
n
a
R
y
c
n
e
u
q
e
r
F
C
D3
z
H
G
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
7
1
B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O
7
1
B
d
n
o
i
t
a
u
n
e
t
t
A2
3
4
B
d
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
0
1
s
t
t
a
W
e
r
u
t
a
r
e
p
m
e
T
e
c
a
f
r
u
S
g
n
i
t
n
u
o
M
0
0
1
C
°
RoHS
COMPLIANT
TM
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703 T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry is ISO 9001:2000 Certified by
TUV
MANAGEMENT SERVICE
ISO 9001
* Barry Industries reserves the right to change part number and or process without notification
n
o
it
a
n
i
g
i
r
O
e
t
a
D
n
o
i
s
i
v
e
R
e
t
a
D
.
v
e
R
6
0
/
9
1
/
9
0
6
0
/
9
1
/
9
0
-


Similar Part No. - H04Z-0300J2T-00C36-X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
H04Z-0100J2T-00C36-X BARRY-H04Z-0100J2T-00C36-X Datasheet
553Kb / 1P
Aluminum Nitride
09/19/06
H04Z-0200JT-00C36-X BARRY-H04Z-0200JT-00C36-X Datasheet
559Kb / 1P
Aluminum Nitride
09/19/06
H04Z-0500J2T-00C36-X BARRY-H04Z-0500J2T-00C36-X Datasheet
193Kb / 1P
Aluminum Nitride
Rev.A 9/18/07
More results

Similar Description - H04Z-0300J2T-00C36-X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TA1000-800-10X BARRY-TA1000-800-10X Datasheet
63Kb / 1P
Aluminum Nitride
Rev.09/24/12
TA50R0-800-15X BARRY-TA50R0-800-15X Datasheet
68Kb / 1P
Aluminum Nitride
Revision Date 06/19/12
TV1005CT-50R0JN-2Q-01 BARRY-TV1005CT-50R0JN-2Q-01 Datasheet
157Kb / 1P
ALUMINUM NITRIDE
Rev.A 02/06/04
TA50R0-100-2X BARRY-TA50R0-100-2X Datasheet
158Kb / 1P
Aluminum Nitride
Rev.A 04/09/04
TA50R0-100-7X BARRY-TA50R0-100-7X Datasheet
128Kb / 1P
ALUMINUM NITRIDE
Rev.B 04/14/10
TVC2335CT-50R0GN-2T-15 BARRY-TVC2335CT-50R0GN-2T-15 Datasheet
549Kb / 1P
ALUMINUM NITRIDE
02/23/07
TVC3523CT-50R0GN-2T BARRY-TVC3523CT-50R0GN-2T Datasheet
160Kb / 1P
ALUMINUM NITRIDE
05/23/08
TVC3737CT-50R0JN-2T-04 BARRY-TVC3737CT-50R0JN-2T-04 Datasheet
178Kb / 1P
ALUMINUM NITRIDE
Rev.C 04/18/08
TZC3725CT-XXXXJN-2T-01 BARRY-TZC3725CT-XXXXJN-2T-01 Datasheet
191Kb / 1P
ALUMINUM NITRIDE
Rev.C 06/14/06
RA1000-80-3X BARRY-RA1000-80-3X Datasheet
127Kb / 1P
Aluminum Nitride
12/04/08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com