Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRF1-P-P-08-E-ST-TH1-E Datasheet(PDF) 1 Page - Samtec, Inc

Part # GRF1-P-P-08-E-ST-TH1-E
Description  50W GANGED MICRO-MINI RF SYSTEMS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

GRF1-P-P-08-E-ST-TH1-E Datasheet(HTML) 1 Page - Samtec, Inc

  GRF1-P-P-08-E-ST-TH1-E Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(5.00 mm) .197"
GRF1-J, GRF1-P SERIES
GRF1–J–P–04–E–ST–TH1–E
GRF1–J–P–04–E–ST–TH1
GRF1–P–P–08–E–ST–TH1
GRF1–P–P–04–E–ST–TH1
WWW.SAMTEC.COM
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
GRF1
J
PLATING
P
For complete specifications and
recommended PCB layouts see
www.samtec.com?GRF1-J or
www.samtec.com?GRF1-P
Shell Material:
Brass
Insulator Material:
PTFE
Contact Material:
BeCu
Pin Material:
Brass
Plating:
30 µ" (0.76 µm) Au
over 50 µ" (1.27 µm) Ni
Current Rating
(GRF1-J/GRF1-P):
Signals: 3.6 A per pin
(8 adjacent pins powered)
Grounds: 6.2 A per pin
(8 adjacent pins powered)
Operating Temp Range:
-40 °C to +90 °C
Impedance:
50
W
Dielectric
Withstanding Voltage:
500 Vrms, 50 Hz
Dielectric Working Voltage:
170 Vrms, 50 Hz
Frequency Range:
0~6 GHz
RoHS Compliant:
Yes
INSERT
OPTION
NO. OF
JACKS
–02, –04,
–06, –08
TH1
–E
= #1 - 64 Through-hole
Threaded Insert,
Mates with GRF1-C with
captive screw option
GRF1
P
PLATING
–E
= 30 µ" (0.76 µm) Gold on Center Conductor & Tail,
Gold Flash on Shell and Tails
NO. OF
PLUGS
P
TH1
ST
Mates with:
GRF1-J
–02, –04, –06, –08
Mates with:
GRF1-P, GRF1-C,
GRF1H-C
LEAD
STYLE
–ST
= Vertical
–RA
= Right-
angle
–E
= 30 µ" (0.76 µm)
Gold on Center
Conductor & Tail,
Gold Flash on
Shell and Tails
–ST–TH1–E
SHOWN
–RA
SHOWN
50
W GANGED MICRO-MINI RF SYSTEMS
For complete scope of
recognitions see
www.samtec.com/quality
RECOGNITIONS
APPLICATION
OTHER
SOLUTIONS
• Cable assembly
(see GRF1-C Series)
FILE NO. E111594
No. of Jacks x (5.00) .197
+ (7.20) .283
No. of Jacks x (5.00) .197 + (12.20) .480
(3.50)
.138
(0.70)
.028 DIA
(0.50)
.020 SQ
No. of Jacks x (5.00) .197
(4.60)
.181
(2.80)
.110
(2.71)
.107
(5.00) .197
(5.00)
.197
(6.88)
.271
(6.68)
.263
(5.20)
.205
(2.80)
.110
(0.70)
.028 DIA
No. of Plugs x (5.00) .197
(2.70)
.106
(4.50)
.177
(2.70) .106 DIA
(0.50)
.020 SQ
(5.00)
.197
(5.00)
.197
(1.80)
.071
(2.80)
.110
(2.00)
.079
GRF1-J
GRF1-P
(6.40)
.252
F-221 WEB
SPECIFICATIONS
PROCESSING
Lead–Free Solderable:
Yes


Similar Part No. - GRF1-P-P-08-E-ST-TH1-E

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
GRF1-P-P-08-E-ST-TH1 SAMTEC-GRF1-P-P-08-E-ST-TH1 Datasheet
54Kb / 1P
CONN MMCXV PLUG STR 50 OHM PCB
4/28/2012
More results

Similar Description - GRF1-P-P-08-E-ST-TH1-E

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74642-1003 MOLEX-74642-1003 Datasheet
280Kb / 2P
6.25mm (.246?? Pitch Ganged RF
logo
M/A-COM Technology Solu...
NPTB00050 MA-COM-NPTB00050 Datasheet
510Kb / 8P
Gallium Nitride 28V, 50W RF Power Transistor
NPTB00050 MA-COM-NPTB00050_15 Datasheet
510Kb / 8P
50W RF Power Transistor
logo
FSP TECHNOLOGY INC.
FSP090-DIEBN2 FSP-FSP090-DIEBN2 Datasheet
239Kb / 1P
AIO systems, PC systems, Mini-ITX systems, Embedded systems
FSP150-ABAN2 FSP-FSP150-ABAN2 Datasheet
137Kb / 1P
AIO systems, PC systems, Mini-ITX systems
FSP150-ABBN2 FSP-FSP150-ABBN2 Datasheet
137Kb / 1P
AIO systems, PC systems, Mini-ITX systems
FSP180-ABAN2 FSP-FSP180-ABAN2 Datasheet
120Kb / 1P
AIO, PC systems, Mini-ITX systems
FSP180-ABBN2 FSP-FSP180-ABBN2 Datasheet
120Kb / 1P
AIO, PC systems, mini-ITX systems
logo
Samtec, Inc
GRF1-C SAMTEC-GRF1-C Datasheet
508Kb / 1P
50W GANGED MICRO-MINI RF CABLE
logo
List of Unclassifed Man...
536274-1 ETC-536274-1 Datasheet
276Kb / 2P
Micro-Strip Interconnection Systems
Revised 11-95
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com