Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRF1-P-P-04-E-ST-TH1 Datasheet(PDF) 1 Page - Samtec, Inc

Part # GRF1-P-P-04-E-ST-TH1
Description  CONN MMCXV PLUG STR 50 OHM PCB
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

GRF1-P-P-04-E-ST-TH1 Datasheet(HTML) 1 Page - Samtec, Inc

  GRF1-P-P-04-E-ST-TH1 Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESIGNED & DIMENSIONED
IN MILLIMETERS[INCHES]
"A"
"B"
(No OF POSITIONS -1) x 5.00[.197]
0.84
(TYP)
.033
[PTH- 4 PLCS PER POS]
"B"
"A"
"C"
(NO OF POS X 5.00[.197])
5.00 .197
B
B
B
FIG 1
FOOTPRINT FOR GRFX-P-P-04-XX-ST-TH1 POSITION SHOWN
B
B
B
B
B
B
B
CONNECTOR OUTLINE
CL
CL
ALL DIMENSIONS ARE SYMMETRIC ABOUT THE CENTERLINE.
SERIES
GRF1: GRF 50 OHM CONNECTORS
GRF7: GRF 75 OHM CONNECTORS
(SEE TABLE 1)
B
SHEET OF
RECOMMENDED PCB LAYOUT FOR GRFX-P-P-XX-XX-XX-XXX
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
1
1
REVISION B
F:\DWG\MISC\Mktg\Footprnt\GRFX-P-P-XX-XX-XX-XXX-FOOTPRINT.SLDDRW
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail: info@SAMTEC.com
code: 55322


Similar Part No. - GRF1-P-P-04-E-ST-TH1

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
GRF1-P-P-04-E-ST-TH1 SAMTEC-GRF1-P-P-04-E-ST-TH1 Datasheet
225Kb / 1P
   50W GANGED MICRO-MINI RF SYSTEMS
GRF1-P-P-04-E-ST-TH1-E SAMTEC-GRF1-P-P-04-E-ST-TH1-E Datasheet
225Kb / 1P
   50W GANGED MICRO-MINI RF SYSTEMS
More results

Similar Description - GRF1-P-P-04-E-ST-TH1

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
142186 AMPHENOL-142186 Datasheet
71Kb / 1P
   CONN SMB PLUG STR 50 OHM SOLDER
C34-5027 AMPHENOL-C34-5027 Datasheet
304Kb / 1P
   50 OHM HD-BNC STR PLUG FOR 0.047" CONFORMABLE CABLE
C34-5008 AMPHENOL-C34-5008 Datasheet
293Kb / 1P
   50 OHM HD-BNC STR PLUG FOR RG 316 CABLE
C34-5011 AMPHENOL-C34-5011 Datasheet
298Kb / 1P
   50 OHM HD-BNC STR PLUG FOR RG 178 CABLE
C920-255P-51P AMPHENOL-C920-255P-51P Datasheet
864Kb / 1P
   AFI STR PLUG PCB MOUNT
C920-263P-51P AMPHENOL-C920-263P-51P Datasheet
869Kb / 1P
   AFI STR PLUG PCB MOUNT
C920-248P-51P AMPHENOL-C920-248P-51P Datasheet
871Kb / 1P
   AFI STR PLUG PCB MOUNT
C920-264P-51P AMPHENOL-C920-264P-51P Datasheet
873Kb / 1P
   AFI STR PLUG PCB MOUNT
C34-5022 AMPHENOL-C34-5022 Datasheet
124Kb / 1P
   50 OHM HD BNC STR JACK PCB THROUGH HOLE 4 LEGS RECEPTACLE
logo
Huber+Suhner, Inc.
81_MMBX-S50-0-18111 HUBERSUHNER-81_MMBX-S50-0-18111 Datasheet
186Kb / 2P
   COAXIAL CONNECTOR, MMBX, 50 Ohm, Straight PCB plug (male)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com