Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC08D Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 74HC08D
Description  CMOS Digital Integrated Circuits Silicon Monolithic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74HC08D Datasheet(HTML) 5 Page - Toshiba Semiconductor

  74HC08D Datasheet HTML 1Page - Toshiba Semiconductor 74HC08D Datasheet HTML 2Page - Toshiba Semiconductor 74HC08D Datasheet HTML 3Page - Toshiba Semiconductor 74HC08D Datasheet HTML 4Page - Toshiba Semiconductor 74HC08D Datasheet HTML 5Page - Toshiba Semiconductor 74HC08D Datasheet HTML 6Page - Toshiba Semiconductor 74HC08D Datasheet HTML 7Page - Toshiba Semiconductor 74HC08D Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74HC08D
5
11.3.
11.3.
11.3.
11.3. DC Characteristics (Unless otherwise specified, T
DC Characteristics (Unless otherwise specified, T
DC Characteristics (Unless otherwise specified, T
DC Characteristics (Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125 
))))
Characteristics
High-level input voltage
Low-level input voltage
High-level output voltage
Low-level output voltage
Input leakage current
Quiescent supply current
Symbol
VIH
VIL
VOH
VOL
IIN
ICC
Test Condition
VIN = VIH or VIL
VIN = VIH or VIL
VIN = VCC or GND
VIN = VCC or GND
IOH = -20 µA
IOH = -4 mA
IOH = -5.2 mA
IOL = 20 µA
IOL = 4 mA
IOL = 5.2 mA
VCC (V)
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
4.5
6.0
2.0
4.5
6.0
4.5
6.0
6.0
6.0
Min
1.50
3.15
4.20
1.9
4.4
5.9
3.7
5.2
Max
0.50
1.35
1.80
0.1
0.1
0.1
0.4
0.4
±1.0
40.0
Unit
V
V
V
V
µA
µA
11.4.
11.4.
11.4.
11.4. AC Characteristics
AC Characteristics
AC Characteristics
AC Characteristics
(Unless otherwise specified, C
(Unless otherwise specified, C
(Unless otherwise specified, C
(Unless otherwise specified, CLLLL = 15 pF, V
= 15 pF, V
= 15 pF, V
= 15 pF, VCC
CC
CC
CC
= 5 V, T
= 5 V, T
= 5 V, T
= 5 V, Taaaa = 25
= 25
= 25
= 25 
, Input: t
, Input: t
, Input: t
, Input: trrrr = t
= t
= t
= tffff = 6 ns)
= 6 ns)
= 6 ns)
= 6 ns)
Characteristics
Output transition time
Propagation delay time
Symbol
tTLH,tTHL
tPLH,tPHL
Test Condition
Min
Typ.
4
6
Max
8
12
Unit
ns
ns
11.5.
11.5.
11.5.
11.5. AC Characteristics
AC Characteristics
AC Characteristics
AC Characteristics
(Unless otherwise specified, C
(Unless otherwise specified, C
(Unless otherwise specified, C
(Unless otherwise specified, CLLLL = 50 pF, T
= 50 pF, T
= 50 pF, T
= 50 pF, Taaaa = 25
= 25
= 25
= 25 
, Input: t
, Input: t
, Input: t
, Input: trrrr = t
= t
= t
= tffff = 6 ns)
= 6 ns)
= 6 ns)
= 6 ns)
Characteristics
Output transition time
Propagation delay time
Input capacitance
Power dissipation capacitance
Symbol
tTLH,tTHL
tPLH,tPHL
CIN
CPD
Note
(Note 1)
VCC (V)
2.0
4.5
6.0
2.0
4.5
6.0
Min
Typ.
25
7
6
24
8
7
3
7
Max
75
15
13
75
15
13
Unit
ns
ns
pF
pF
Note 1: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current
consumption without load. Average operating current can be obtained by the equation.
ICC(opr) = CPD × VCC × fIN + ICC/4 (per gate)
2016-08-04
Rev.4.0
©2016 Toshiba Corporation


Similar Part No. - 74HC08D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC08D PHILIPS-74HC08D Datasheet
109Kb / 20P
   Quad 2-input AND gate
2003 Jul 25
74HC08D PHILIPS-74HC08D Datasheet
150Kb / 16P
   Complies with JEDEC standard JESD7A
Rev. 4-6 September 2012
74HC08D PHILIPS-74HC08D Datasheet
33Kb / 5P
   Quad 2-input AND gate
2003 Jul 25
logo
Shanghai Leiditech Elec...
74HC08D LEIDITECH-74HC08D Datasheet
1Mb / 15P
   Quad 2-input AND gate
logo
Nexperia B.V. All right...
74HC08D NEXPERIA-74HC08D Datasheet
242Kb / 13P
   Quad 2-input AND gate
Rev. 8 - 10 August 2021
More results

Similar Description - 74HC08D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
TC7MPB9326FT TOSHIBA-TC7MPB9326FT_V01 Datasheet
353Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-06-22 Rev.5.0
TC7PZ04FU TOSHIBA-TC7PZ04FU Datasheet
163Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-05 Rev.3.0
TC7WZ86FU TOSHIBA-TC7WZ86FU Datasheet
154Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-02-04 Rev.4.0
74VHC4020FT TOSHIBA-74VHC4020FT Datasheet
194Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-13 Rev.4.0
74VHC574FT TOSHIBA-74VHC574FT Datasheet
178Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
74HC151D TOSHIBA-74HC151D Datasheet
216Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
74HC595D TOSHIBA-74HC595D Datasheet
271Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-12-27 Rev.4.0
74VHC4066AFT TOSHIBA-74VHC4066AFT Datasheet
214Kb / 13P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com