Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3770103 Datasheet(PDF) 1 Page - FIBOX Enclosing innovations

Part # 3770103
Description  Multiperforated plastic mounting plate
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIBOX [FIBOX Enclosing innovations]
Direct Link  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

3770103 Datasheet(HTML) 1 Page - FIBOX Enclosing innovations

  3770103 Datasheet HTML 1Page - FIBOX Enclosing innovations 3770103 Datasheet HTML 2Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPI EKP 3828
Sample image
Order symbol : MPI EKP 3828
Product nr : 3770103
Description : Multiperforated plastic mounting plate
Remarks :
EAN : 6418074316882
El. number :
• Finland : 3424694
• Denmark : 8212098996
• Sweden :
Including : Plastic mountingplate, mounting screws, installation screws
Dimensions :
Height
Width
Depth
mm :
338
238
4
inch :
Rating :
Ingress protection (EN 60529):
Impact Resistance (EN 62262):
Electrical insulation :
Not insulated


Similar Part No. - 3770103

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
3770100 FIBOX-3770100 Datasheet
838Kb / 2P
Multiperforated plastic mounting plate
18.01.2023
3770101 FIBOX-3770101 Datasheet
719Kb / 2P
Multiperforated plastic mounting plate
18.01.2023
3770102 FIBOX-3770102 Datasheet
336Kb / 2P
Multiperforated plastic mounting plate
18.01.2023
More results

Similar Description - 3770103

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
4850070 FIBOX-4850070 Datasheet
41Kb / 1P
Multiperforated plastic mounting plate
01.08.2023
4850071 FIBOX-4850071 Datasheet
43Kb / 1P
Multiperforated plastic mounting plate
01.08.2023
4850072 FIBOX-4850072 Datasheet
41Kb / 1P
Multiperforated plastic mounting plate
01.08.2023
3770100 FIBOX-3770100 Datasheet
838Kb / 2P
Multiperforated plastic mounting plate
18.01.2023
3770101 FIBOX-3770101 Datasheet
719Kb / 2P
Multiperforated plastic mounting plate
18.01.2023
3770102 FIBOX-3770102 Datasheet
336Kb / 2P
Multiperforated plastic mounting plate
18.01.2023
8120923 FIBOX-8120923 Datasheet
53Kb / 1P
Mounting plate multiperforated (350x350x2 mm - ⌀3.6 mm)
24.07.2023
8120922 FIBOX-8120922 Datasheet
244Kb / 2P
Mounting plate multiperforated (350x250x2 mm - ⌀3.6 mm)
11.01.2023
8120928 FIBOX-8120928 Datasheet
284Kb / 2P
Mounting plate multiperforated (730x530x2 mm - ⌀3.6 mm)
11.01.2023
8120925 FIBOX-8120925 Datasheet
202Kb / 2P
Mounting plate multiperforated (550x350x2 mm - ⌀3.6 mm)
11.01.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com