Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

857-027-401-101 Datasheet(PDF) 3 Page - EDAC, All Rights Reserved.

Part # 857-027-401-101
Description  857 Series High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

857-027-401-101 Datasheet(HTML) 3 Page - EDAC, All Rights Reserved.

  857-027-401-101 Datasheet HTML 1Page - EDAC, All Rights Reserved. 857-027-401-101 Datasheet HTML 2Page - EDAC, All Rights Reserved. 857-027-401-101 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.edac.net
customerservice@edac.net
807/857 SERIES
High Temp Card Edge Connectors 0.156” (3.96mm) Pitch
0.245
±.015
BETWEEN TAILS.
.045 MIN..060 MAX.
.125 MIN..210 MAX.
0.120
0.170
0.095
BETWEEN TAILS.
.045 MIN..060 MAX.
.125 MIN..210 MAX.
±.020
±.015
±.020
CONTACT
CODE 555
CODE 556
CONTACT
.045 (1.14) TO .060 (1.52)
.125 (3.18) TO .210 (5.33)
BETWEEN TAILS
OUTSIDE TAILS
A
.165 (4.19)
CODE 560
CONTACT
0.062
0.200
0.230
±.025
±.010
±.015
0.060
0.150
0.250
±.020
±.020
±.010
±.015
CONTACT
CODE 558
CODE 559
CONTACT
0.300
R0.120~0.180
R0.050
±.005
R0.050
±.005
R0.180
±.010
0.150±0.010
0.005
DIA.
VERTICAL FLOAT
MIN.
0.116
RADIAL FLOAT
.010 MIN. TOTAL
.128
DIA. MOUNTING HOLE
VARIATION 02
0.128
C
±.003
VARIATION 01
NO MOUNTING LUG
DIA.
-.000
+.003
.116
I.D. FLOATING EYELET
VARIATION 03
M3-0.5 THREADED INSERT OR
DIA.
0.156
THREADED INSERT
VARIATIONS 07 AND 08
-.000
+.002
.156
DIA. MOUNTING HOLE
VARIATION 04
4-40 UNC THREADED INSERT


Similar Part No. - 857-027-401-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
857-027-401-101 EDAC-857-027-401-101 Datasheet
128Kb / 2P
857 Series,High Temp Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com