Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 2N7002
Description  N-channel vertical D-MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N7002 Datasheet(HTML) 4 Page - NXP Semiconductors

  2N7002 Datasheet HTML 1Page - NXP Semiconductors 2N7002 Datasheet HTML 2Page - NXP Semiconductors 2N7002 Datasheet HTML 3Page - NXP Semiconductors 2N7002 Datasheet HTML 4Page - NXP Semiconductors 2N7002 Datasheet HTML 5Page - NXP Semiconductors 2N7002 Datasheet HTML 6Page - NXP Semiconductors 2N7002 Datasheet HTML 7Page - NXP Semiconductors 2N7002 Datasheet HTML 8Page - NXP Semiconductors 2N7002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
April 1995
4
Philips Semiconductors
Product specification
N-channel vertical D-MOS transistor
2N7002
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT
V(BR)DSS
drain-source breakdown voltage
ID = 10 µA
VGS =0
60
90
V
IDSS
drain-source leakage current
VDS = 48 V
VGS =0
−−
1
µA
±IGSS
gate-source leakage current
VDS = 0
±VGS = 15 V
−−
10
nA
VGS(th)
gate-source threshold voltage
ID = 1 mA
VGS =VDS
0.8
3V
RDS(on)
drain-source on-resistance
ID = 500 mA
VGS = 10 V
3.5
5
ID = 75 mA
VGS = 4.5 V
−−
5.3
 Y
fs
transfer admittance
ID = 200 mA
VDS = 10 V
100
200
mS
Ciss
input capacitance
VDS = 10 V
VGS =0
f = 1 MHz
25
40
pF
Coss
output capacitance
VDS = 10 V
VGS =0
f = 1 MHz
22
30
pF
Crss
feedback capacitance
VDS = 10 V
VGS =0
f = 1 MHz
610
pF
Switching times (see Figs 2 and 3)
ton
turn-on time
ID = 200 mA
VDD =50V
VGS = 0 to 10 V
−−
10
ns
toff
turn-off time
ID = 200 mA
VDD =50V
VGS = 0 to 10 V
−−
15
ns


Similar Part No. - 2N7002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002 PANJIT-2N7002 Datasheet
91Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Silicon Supplies
2N7002 SS-2N7002 Datasheet
620Kb / 4P
   Small Signal MOSFET Bare Die
logo
Infineon Technologies A...
2N7002 INFINEON-2N7002 Datasheet
287Kb / 9P
   OptiMOS??Small-Signal-Transistor
Rev. 2.3 2010-08-26
logo
List of Unclassifed Man...
2N7002 ETC1-2N7002 Datasheet
468Kb / 10P
   Mini size of Discrete semiconductor elements
logo
EVER SEMICONDUCTOR CO.,...
2N7002 EVVOSEMI-2N7002 Datasheet
297Kb / 3P
   N-Channel MOSFET
Rev:2022A2
More results

Similar Description - 2N7002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BS170 PHILIPS-BS170 Datasheet
49Kb / 8P
   N-channel vertical D-MOS transistor
April 1995
BST70 PHILIPS-BST70 Datasheet
74Kb / 12P
   N-channel vertical D-MOS transistor
April 1995
BST70A PHILIPS-BST70A Datasheet
63Kb / 12P
   N-channel vertical D-MOS transistor
April 1995
BST72A PHILIPS-BST72A Datasheet
75Kb / 12P
   N-channel vertical D-MOS transistor
April 1995
BST74A PHILIPS-BST74A Datasheet
63Kb / 12P
   N-channel vertical D-MOS transistor
April 1995
logo
SEMTECH ELECTRONICS LTD...
MMFTN20 SEMTECH_ELEC-MMFTN20 Datasheet
171Kb / 2P
   N-Channel Enhancement Vertical D-MOS Transistor
logo
Diotec Semiconductor
MMFTN20 DIOTEC-MMFTN20 Datasheet
109Kb / 2P
   N-Channel Enhancement Vertical D-MOS Transistor
MMFTN20 DIOTEC-MMFTN20_15 Datasheet
97Kb / 2P
   N-Channel Enhancement Vertical D-MOS Transistor
logo
NXP Semiconductors
BSN20 PHILIPS-BSN20 Datasheet
101Kb / 8P
   N-channel enhancement mode vertical D-MOS transistor
1997 Jun 18
BSP030 PHILIPS-BSP030 Datasheet
109Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
1997 Mar 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com