Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K05Z-XXXXG99-06C36-X Datasheet(PDF) 1 Page - Vishay Barry

Part # K05Z-XXXXG99-06C36-X
Description  BeO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry

K05Z-XXXXG99-06C36-X Datasheet(HTML) 1 Page - Vishay Barry

  K05Z-XXXXG99-06C36-X Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0 . 5. . . . R 500
1 .. ... .1 R 0 0
10. . . . . 10R 0
5 0 .. .. .5 0 R 0
100. . . 1000
150. . . 1500
1K . . . . . 1001
10K . . . 1002
100K . 1003
470K . 4703
1M . . . . 1004
K05Z-XXXX*G99-06C36-X
BeO
LEADED RESISTOR
Features:
♦ BeO Material
♦ 200 Watt Input Power
♦ Surface Mountable
General Description:
The K05Z-XXXX*G99-06C36-X is a
leaded, BeO power chip resistor. It has an input
power of 200 watts, while maintaining
a constant mounting surface temperature of
100°C. It offers standard resistance values of
50 and 100 ohms. Other resistance values
also available. * See below for ordering options.
WWW.BARRYIND.COM
r
e
t
e
m
a
r
a
P
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
r
e
w
o
P
t
u
p
n
I0
0
2s
t
t
a
W
e
c
n
a
t
s
i
s
e
R%
2
-
/
+s
m
h
O
)
z
H
M
1
t
a
(
e
c
n
a
t
i
c
a
p
a
C5
1
.
2F
p
e
r
u
t
a
r
e
p
m
e
T
e
c
a
f
r
u
S
g
n
i
t
n
u
o
M0
0
1C
°
RoHS
COMPLIANT
TM
n
o
it
a
n
i
g
ir
O
e
t
a
D
n
o
i
s
i
v
e
R
e
t
a
D
.
v
e
R
8
0
/
2
2
/
0
1
8
0
/
2
2
/
0
1
-
Sample Part Number:
K05Z-1000G99-06C36-X
(100 Ohms)
Barry Industries reserves the right to change part number and or process without notification.
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703 T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry Industries maintains an ISO 9001 Certified Quality Management System


Similar Part No. - K05Z-XXXXG99-06C36-X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
K05Z-XXXXG9F-05C36-X BARRY-K05Z-XXXXG9F-05C36-X Datasheet
560Kb / 1P
   BeO
06/13/08
More results

Similar Description - K05Z-XXXXG99-06C36-X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
REC1206CT-XXXXJN-83 BARRY-REC1206CT-XXXXJN-83 Datasheet
156Kb / 1P
   BeO or BeO FREE
Rev.A 04/13/04
TV1206CB-50R0GN-96-04 BARRY-TV1206CB-50R0GN-96-04 Datasheet
46Kb / 1P
   BEO
10/17/11
TVC3737CT-50R0JN-99 BARRY-TVC3737CT-50R0JN-99 Datasheet
179Kb / 1P
   BeO
04/02/08
A0400-20-3X BARRY-A0400-20-3X Datasheet
133Kb / 1P
   BeO
Rev.A 03/04/10
TV1005HA-50R0JN-96 BARRY-TV1005HA-50R0JN-96 Datasheet
65Kb / 1P
   BeO
7/10/03
TV0805CB-XXXXJN-98 BARRY-TV0805CB-XXXXJN-98 Datasheet
150Kb / 1P
   BeO
Rev.B 06/30/08
T50R0-350-1X BARRY-T50R0-350-1X Datasheet
128Kb / 1P
   BeO
28 Aug 2013
TVC2010CB-XXXXJN-99-01 BARRY-TVC2010CB-XXXXJN-99-01 Datasheet
97Kb / 1P
   BeO
Rev.D 02/24/09
TZC2525CB-50R0JN-9F BARRY-TZC2525CB-50R0JN-9F Datasheet
43Kb / 1P
   BeO
Rev.B 12/07/11
R1000-150-4X BARRY-R1000-150-4X Datasheet
560Kb / 1P
   BeO
03/26/07
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com