Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUS-0.1W Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # AUS-0.1W
Description  0.1W UNREGULATED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

AUS-0.1W Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  AUS-0.1W Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. AUS-0.1W Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. AUS-0.1W Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. AUS-0.1W Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. AUS-0.1W Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DANUBE
http://www.danube.com.tw
2019/12/24
2
 SELECTION GUIDE
MODEL NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
INPUT6
CURRENT(mA)
EFF
(%)7
ISOLATION
(VDC) 8
FULL
LOAD
NO
LOAD
AUS-03.303.3-0.1W
3.3
3.3
30
61
20
50
1500
AUS-03.305-0.1W
3.3
5
20
61
20
50
1500
AUS-0503.3-0.1W
5
3.3
30
41
20
50
1500
AUS-0505-0.1W
5
5
20
41
20
50
1500
AUS-1203.3-0.1W
12
3.3
30
17
9
50
1500
AUS-1205-0.1W
12
5
20
17
9
50
1500
 PARTNUMBES STRUCTURE
Model Name
Difference
AUv-x1x2
A=Series Name
U=Unregulated
v=Type of output voltage (S=single output)
x1=input voltage(03.3;05;12;24)
x2=Output voltage(03.3;05;09;12;15)
 MECHANICAL DIMENSIONS &
RECOMMENDED FOOTPRINT DETAILS
PIN
SINGLE
1
-Vin
3
+Vin
4
+Vout
5
-Vout
NOTE : All dimensions are in mm [inches]
1. Pin Size is
0.50x0.30mm[0.02x0.01”]
2. Pin is Tolerance .XX= ±0.05mm
3. Tolerance .X
or
.XX= ±0.5mm
6 NOMINAL INPUT VOLTAGE.
7 NOMINAL INPUT VOLTAGE, FULL LOAD.
8 1500VDC for 10 seconds.


Similar Part No. - AUS-0.1W

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AUS301 POSEICO-AUS301 Datasheet
140Kb / 4P
   RECTIFIER DIODE
AUS301S06 POSEICO-AUS301S06 Datasheet
140Kb / 4P
   RECTIFIER DIODE
AUS501 POSEICO-AUS501 Datasheet
164Kb / 4P
   RECTIFIER DIODE
AUS501HF POSEICO-AUS501HF Datasheet
165Kb / 4P
   RECTIFIER DIODE
AUS501HFS06 POSEICO-AUS501HFS06 Datasheet
165Kb / 4P
   RECTIFIER DIODE
More results

Similar Description - AUS-0.1W

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
0.1D8A GAPTEC-0.1D8A Datasheet
804Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1MD4A GAPTEC-0.1MD4A Datasheet
614Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MS4A GAPTEC-0.1MS4A Datasheet
711Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1S4A GAPTEC-0.1S4A Datasheet
813Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1D14B GAPTEC-0.1D14B Datasheet
823Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S7B GAPTEC-0.1S7B Datasheet
845Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
logo
IXYS Corporation
MMA-174321-R4 IXYS-MMA-174321-R4 Datasheet
1Mb / 11P
   17-43GHz, 0.1W Gain Block
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
   Low Standby Power: Under 0.1W
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31489 AVAGO-MGA-31489_15 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier
MGA-31489 AVAGO-MGA-31489 Datasheet
509Kb / 13P
   0.1W High Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com