Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUS-0.1W Datasheet(PDF) 5 Page - DIWELL Electronics Co., Ltd.

Part # AUS-0.1W
Description  0.1W UNREGULATED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

AUS-0.1W Datasheet(HTML) 5 Page - DIWELL Electronics Co., Ltd.

  AUS-0.1W Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. AUS-0.1W Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. AUS-0.1W Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. AUS-0.1W Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. AUS-0.1W Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DANUBE
http://www.danube.com.tw
2019/12/24
5
 INPUT FUSE SELECTION GUIDE
2.97V-3.63V
INPUT VOLTAGE(VDC)
4.5V-5.5V
INPUT VOLTAGE(VDC)
200mA Slow-Blow Type
150mA Slow-Blow Type
DC-DC
CONVERTER
+Vin
-Vin
+Vout
-Vout
OUTPUT
Fuse
INPUT
Note: Certain applications may require the installation of external fuse in front of the input.
AUS-0.1W SERIES APPLICATION NOTES:
EXTERNAL CAPACITANCE REQUIREMENTS:
Output filtering is required for operation. A minimum of 10uF is needed. Output capacitance may be
increased for additional filtering, not to exceed 220uF.
To meet the reflected ripple requirements of the converter, an input impedance of less than 0.5 ohm
from DC to 250KHz is required.
We Can Offer EMC-Filter According To EN55011/22 Class B.
Negative Outputs:
A negative output voltage may be obtained by connecting the +OUT to circuit ground and
connecting
–OUT as the negative output.
FOR MORE INFORMATION CALL:
Danube Enterprise Co., Ltd.
Tel: 886-7-3755165
Fax: 886-7-3755330
E-mail: danube@ms10.hinet.net
Home Page
http://www.danube.com.tw


Similar Part No. - AUS-0.1W

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AUS301 POSEICO-AUS301 Datasheet
140Kb / 4P
   RECTIFIER DIODE
AUS301S06 POSEICO-AUS301S06 Datasheet
140Kb / 4P
   RECTIFIER DIODE
AUS501 POSEICO-AUS501 Datasheet
164Kb / 4P
   RECTIFIER DIODE
AUS501HF POSEICO-AUS501HF Datasheet
165Kb / 4P
   RECTIFIER DIODE
AUS501HFS06 POSEICO-AUS501HFS06 Datasheet
165Kb / 4P
   RECTIFIER DIODE
More results

Similar Description - AUS-0.1W

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
0.1D8A GAPTEC-0.1D8A Datasheet
804Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1MD4A GAPTEC-0.1MD4A Datasheet
614Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MS4A GAPTEC-0.1MS4A Datasheet
711Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1S4A GAPTEC-0.1S4A Datasheet
813Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1D14B GAPTEC-0.1D14B Datasheet
823Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S7B GAPTEC-0.1S7B Datasheet
845Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
logo
IXYS Corporation
MMA-174321-R4 IXYS-MMA-174321-R4 Datasheet
1Mb / 11P
   17-43GHz, 0.1W Gain Block
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
   Low Standby Power: Under 0.1W
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31489 AVAGO-MGA-31489_15 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier
MGA-31489 AVAGO-MGA-31489 Datasheet
509Kb / 13P
   0.1W High Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com