Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUS-0.1W Datasheet(PDF) 4 Page - DIWELL Electronics Co., Ltd.

Part # AUS-0.1W
Description  0.1W UNREGULATED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

AUS-0.1W Datasheet(HTML) 4 Page - DIWELL Electronics Co., Ltd.

  AUS-0.1W Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. AUS-0.1W Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. AUS-0.1W Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. AUS-0.1W Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. AUS-0.1W Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DANUBE
http://www.danube.com.tw
2019/12/24
4
 TYPICAL APPLICATIONS
SINGLE OUTPUT
LOAD
INPUT
+Vin
OUTPUT
-Vout
+Vout
-Vin
DC-DC
CONVERTER
 SIMPLIFIED SCHEMATIC
SINGLE OUTPUT
-Vin
+Vin
+Vout
-Vout
OSCILLATOR
DRIVER
 TYPICAL PERFORMANCE CURVES
DERATING CURVE


Similar Part No. - AUS-0.1W

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AUS301 POSEICO-AUS301 Datasheet
140Kb / 4P
   RECTIFIER DIODE
AUS301S06 POSEICO-AUS301S06 Datasheet
140Kb / 4P
   RECTIFIER DIODE
AUS501 POSEICO-AUS501 Datasheet
164Kb / 4P
   RECTIFIER DIODE
AUS501HF POSEICO-AUS501HF Datasheet
165Kb / 4P
   RECTIFIER DIODE
AUS501HFS06 POSEICO-AUS501HFS06 Datasheet
165Kb / 4P
   RECTIFIER DIODE
More results

Similar Description - AUS-0.1W

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
0.1D8A GAPTEC-0.1D8A Datasheet
804Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1MD4A GAPTEC-0.1MD4A Datasheet
614Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MS4A GAPTEC-0.1MS4A Datasheet
711Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1S4A GAPTEC-0.1S4A Datasheet
813Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1D14B GAPTEC-0.1D14B Datasheet
823Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S7B GAPTEC-0.1S7B Datasheet
845Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
logo
IXYS Corporation
MMA-174321-R4 IXYS-MMA-174321-R4 Datasheet
1Mb / 11P
   17-43GHz, 0.1W Gain Block
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
   Low Standby Power: Under 0.1W
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31489 AVAGO-MGA-31489_15 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier
MGA-31489 AVAGO-MGA-31489 Datasheet
509Kb / 13P
   0.1W High Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com