Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVC3737CT-50R0JN-2T-04 Datasheet(PDF) 1 Page - Vishay Barry

Part # TVC3737CT-50R0JN-2T-04
Description  ALUMINUM NITRIDE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry

TVC3737CT-50R0JN-2T-04 Datasheet(HTML) 1 Page - Vishay Barry

  TVC3737CT-50R0JN-2T-04 Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TVC3737CT-50R0JN-2T-04
ALUMINUM NITRIDE
CHIP TERMINATION
Features:
♦ Aluminum Nitride Material
♦ DC - 3 GHz Performance
♦ 250 Watt Input Power
♦ Solder Mountable
WWW.BARRYIND.COM
r
e
t
e
m
a
r
a
P
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
e
g
n
a
R
y
c
n
e
u
q
e
r
FC
D3
z
H
G
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I9
15
2B
d
r
e
w
o
P
t
u
p
n
I0
5
2s
t
t
a
W
e
c
n
a
t
s
i
s
e
R5
.
7
40
55
.
2
5s
m
h
O
e
r
u
t
a
r
e
p
m
e
T
e
c
a
f
r
u
S
g
n
i
t
n
u
o
M0
0
1C
°
General Description:
The TVC3737CT-50R0JN-2T-04 is a
50 ohm, Aluminum Nitride chip termination.
It has an input power of 250 watts, while
maintaining a constant mounting surface
temperature of 100oC. It offers a frequency
range from DC to 3 GHz.
Barry Industries reserves the right to change part number and or process without notification.
RoHS
COMPLIANT
TM
n
o
it
a
n
i
g
ir
O
e
t
a
D
n
o
i
s
i
v
e
R
e
t
a
D
.
v
e
R
3
0
/
5
0
/
1
1
8
0
/
8
1
/
4
0
C
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703 T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry Industries maintains an ISO 9001 Certified Quality Management System


Similar Part No. - TVC3737CT-50R0JN-2T-04

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TVC3737CT-50R0JN-2T-08 BARRY-TVC3737CT-50R0JN-2T-08 Datasheet
560Kb / 1P
ALUMINUM NITRIDE
09/11/06
More results

Similar Description - TVC3737CT-50R0JN-2T-04

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TA1000-800-10X BARRY-TA1000-800-10X Datasheet
63Kb / 1P
Aluminum Nitride
Rev.09/24/12
TA50R0-800-15X BARRY-TA50R0-800-15X Datasheet
68Kb / 1P
Aluminum Nitride
Revision Date 06/19/12
TV1005CT-50R0JN-2Q-01 BARRY-TV1005CT-50R0JN-2Q-01 Datasheet
157Kb / 1P
ALUMINUM NITRIDE
Rev.A 02/06/04
TA50R0-100-2X BARRY-TA50R0-100-2X Datasheet
158Kb / 1P
Aluminum Nitride
Rev.A 04/09/04
TA50R0-100-7X BARRY-TA50R0-100-7X Datasheet
128Kb / 1P
ALUMINUM NITRIDE
Rev.B 04/14/10
TVC2335CT-50R0GN-2T-15 BARRY-TVC2335CT-50R0GN-2T-15 Datasheet
549Kb / 1P
ALUMINUM NITRIDE
02/23/07
TVC3523CT-50R0GN-2T BARRY-TVC3523CT-50R0GN-2T Datasheet
160Kb / 1P
ALUMINUM NITRIDE
05/23/08
TZC3725CT-XXXXJN-2T-01 BARRY-TZC3725CT-XXXXJN-2T-01 Datasheet
191Kb / 1P
ALUMINUM NITRIDE
Rev.C 06/14/06
RA1000-80-3X BARRY-RA1000-80-3X Datasheet
127Kb / 1P
Aluminum Nitride
12/04/08
H04Z-0300J2T-00C36-X BARRY-H04Z-0300J2T-00C36-X Datasheet
559Kb / 1P
Aluminum Nitride
09/19/06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com