Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

421-035-520-102 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 421-035-520-102
Description  421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

421-035-520-102 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  421-035-520-102 Datasheet HTML 1Page - EDAC, All Rights Reserved. 421-035-520-102 Datasheet HTML 2Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
www.edac.net
Specifications:
customerservice@edac.net
Insulator Material
UL 94V-0 Diallyl Phthalate, Green Color
Contact Material
Copper Alloy
Contact Plating
Gold Plating over Nickel over entire contact
Current Rating
10 amps
Contact Resistance
10 milliohms maximum
Dielectric Withstanding Voltage
2000 V AC rms at sea level
Insulation Resistance
5000 megaohms minimum
Operating Temperature
-65°C to +125°C
Insertion Force
2 to 16 oz (0.56 to 4.45 N) per contact position
Withdrawal Force
2 to 16 oz (0.56 to 4.45 N) per contact position
METAL TO METAL CARD EDGE CONNECTORS
Code:
Insulator Mounting Option:
100
No Mounting Holes (422 Series)
102
.128 (3.25) Dia. Mounting Holes (421 Series)
.128 (3.25) Dia. Mounting Holes and Guide Pins as per MIL-C-21097 (423 Series)
Contact Code:
Tail Description:
Tail Size:
Tail Length "G":
520
P.C. Tail
.044 x .025 (1.12 x 0.64)
.122 (3.10)
521
P.C. Tail
.044 x .025 (1.12 x 0.64)
.153 (3.89)
Series:
421
422
423
Total Number of Contacts:
017, 023, 029, 035, 041 or 047
0.200” (5.08mm) contact spacing x 0.300” (7.62mm) row spacing with staggered grid
Mount into 0.062” (1.57mm) or 0.093” (2.36mm) nominal thickness P.C. board by soldering and/or
staking of P.C. tails
Edacon hermaphroditic contact mating design
Mounting hole and guide pin options
421 Series designed to mate with non-card guide versions of 408 or 415 Series, 422 Series designed
to mate with card guide versions of 408 or 415 Series, 423 Series designed to mate with 424 or 438
Series
RoHS Compliant
421/422/423 SERIES
Series
Total Number of Contacts
Contact Code
Card Slot Width and Mounting Options
Example Part Number:
423-041-520-102


Similar Part No. - 421-035-520-102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
421-035-520-102 ETC2-421-035-520-102 Datasheet
356Kb / 2P
   200 Contact Spacing x 300 Row Spacing with Staggered Grid
logo
EDAC, All Rights Reserv...
421-035-520-102 EDAC-421-035-520-102 Datasheet
110Kb / 1P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
More results

Similar Description - 421-035-520-102

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
421-041-520-102 EDAC-421-041-520-102 Datasheet
112Kb / 1P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-023-520-102 EDAC-421-023-520-102 Datasheet
106Kb / 1P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-041-521-102 EDAC-421-041-521-102 Datasheet
112Kb / 1P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-029-520-102 EDAC-421-029-520-102 Datasheet
108Kb / 1P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-035-520-102 EDAC-421-035-520-102 Datasheet
110Kb / 1P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-023-521-102 EDAC-421-023-521-102 Datasheet
107Kb / 1P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-029-521-102 EDAC-421-029-521-102 Datasheet
108Kb / 1P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-047-520-102 EDAC-421-047-520-102 Datasheet
114Kb / 1P
   421 Series,High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-047-521-102 EDAC-421-047-521-102 Datasheet
114Kb / 1P
   421 Series,High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-017-520-102 EDAC-421-017-520-102 Datasheet
104Kb / 1P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-035-521-102 EDAC-421-035-521-102 Datasheet
110Kb / 1P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com