Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMCX Datasheet(PDF) 1 Page - Samtec, Inc

Part # MMCX
Description  Cable Assemblies
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

MMCX Datasheet(HTML) 1 Page - Samtec, Inc

  MMCX Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
50 Ω MMCX TO 6 GHz
Cable Mates:
RF174, RF178, RF316, RS316,
GRF1H-C, IJ5H
MMCX
Cable Connectors
MMCX-CA
MMCX
- GENDER - TYPE - PLATING - ORIENTATION - TERMINATION
–J
= Jack
–P
= Plug
–P
= PCB
Mount
–H
= 30 µ" (0.76 µm)
Gold center contact,
3 µ" (0.08 µm) Gold
outer contact
–ST
= Straight
–RA
= Right-angle
–TH1
= Through-hole
–MT1
= Mixed
Technology
(–ST only)
–SM1
= Surface Mount
(–RA plug not available)
–EM1
= Edge Mount
(–ST only)
SERIES
- END1
CONNECTOR
- END2
CONNECTOR
- OVERALLLENGTH
RF174
= RG 174 Cable
RF178
= RG 178 Cable
(–03SP1 & –03RP1 only)
RF316
= RG 316 Cable, Single Braid Shield
RS316
= RG 316 Cable, Double Shielded
(–03SP1 only)
–03SP1
= MMCX Straight Plug
–03RP1
= MMCX Right-angle Plug
–V3SP1
= MMCXV Straight Plug, High Vibration
–V3RP1
= MMCXV Right-angle Plug, High Vibration
–V3SJ1
= MMCXV Straight Jack, High Vibration
–“XXXX”
= Overall Length in
millimeters
–0100 (100 mm) 3.94"
minimum
ALSO AVAILABLE
50 W: MCX, SMA, SMB, BNC, TNC,
N Type = RF174, RF178, RF316
50 W: MCX, SMA, BNC, TNC = RS316
MMCX
Cable Assemblies
RF174, RF178, RF316,
RS316
CONNECTORS FOR INDUSTRY STANDARD CABLES
MMCX-P-C-H-ST-CA1
RG 174/316 Cable
MMCX-P-C-H-ST-CA2
RG 178 Cable
MMCX-P-C-HF-ST-CA1S
RG 316 Double Shielded Cable
MMCX-P-C-H-RA-CA1
RG 174/316 Cable
MMCX-P-C-H-RA-CA2
RG 178 Cable
MMCX
Board Connectors
MMCX-SM, MMCX-TH,
MMCX-MT, MMCX-EM
(2.70)
.106
(4.00)
.157
DIA
(13.05)
.514
(4.00) .157
(9.00) .354
(3.50)
.138
(7.00)
.276
P-C = Cable Plug
H or HF = Plating (30 µ” Gold center contact,
3 µ” Gold outer contact)
ST = Straight
RA = Right-angle
Supplied with pins and ferrules.
See website for dimensions.
–ST–SM1
(Jack)
(3.45)
.136
DIA
(3.45)
.136
SQ
(5.00)
.197
(3.40)
.134
DIA
(3.80)
.150
(5.60)
.220
(7.00) .276
–RA–TH1
(Plug)
–RA–CA1 & RA–CA2
–ST–CA1, –ST–CA2
& –ST–CA1S
F-221 (Rev 01MAY21)
samtec.com/MMCX


Similar Part No. - MMCX

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
MMCX DDK-MMCX Datasheet
709Kb / 5P
   Micro-Miniature Coaxial Connectors
logo
Hirose Electric
MMCX HIROSE-MMCX Datasheet
166Kb / 8P
   Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
logo
Harwin Plc
MMCX-3005 HARWIN-MMCX-3005 Datasheet
54Kb / 1P
   HPRIZONTAL PC TAIL JACK SOCKET MMCX COAX CONNECTOR
MMCX-3505 HARWIN-MMCX-3505 Datasheet
83Kb / 1P
   HPRIZONTAL PC TAIL JACK SOCKET MMCX COAX CONNECTOR
logo
Hirose Electric
MMCX-J-088 HIROSE-MMCX-J-088 Datasheet
166Kb / 8P
   Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
More results

Similar Description - MMCX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
   Cable Assemblies
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
   Cable Assemblies
Rev 22FEB22
MCX SAMTEC-MCX Datasheet
220Kb / 1P
   Cable Assemblies
logo
Pulse A Technitrol Comp...
NMOKHFCX PULSE-NMOKHFCX Datasheet
1Mb / 4P
   CABLE ASSEMBLIES/MOUNTS
logo
ERNI Electronics
839000 ERNI-839000 Datasheet
49Kb / 2P
   Flat Cable Assemblies
logo
Pasternack Enterprises,...
PE34573-36 PASTERNACK-PE34573-36 Datasheet
369Kb / 4P
   RF Cable Assemblies
PE3VNA1802 PASTERNACK-PE3VNA1802 Datasheet
443Kb / 5P
   RF Cable Assemblies
logo
TE Connectivity Ltd
1-1773903-6 TEC-1-1773903-6 Datasheet
773Kb / 15P
   Sliver Cable Assemblies
logo
Amphenol Corporation
NDCCGF-0006 AMPHENOL-NDCCGF-0006 Datasheet
253Kb / 2P
   SFP28 Cable Assemblies
logo
Molex Electronics Ltd.
74527-3001 MOLEX-74527-3001 Datasheet
725Kb / 2P
   LaneLink??4X Cable Assemblies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com