Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSTLS4M19G56-B0 Datasheet(PDF) 12 Page - Murata Manufacturing Co., Ltd

Part # CSTLS4M19G56-B0
Description  Specification of Piezoelectric Ceramic Resonator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTLS4M19G56-B0 Datasheet(HTML) 12 Page - Murata Manufacturing Co., Ltd

Back Button CSTLS4M19G56-B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Document No. JGC40-5022
株式会社
Murata Manufacturing Co.,Ltd.
P. 12/15
12. 耐候性能 Environmental Characteristics
Item
試 験 条 件
Test Condition
試験後の規格
Specification
After Test
12-1
高温放置
High
Temperature
Exposure
(Storage)
製品単品状態で、温度 +85±2℃ の 恒温槽中に
1000時間保持し、室温に取り出し、1時間放置した
後、測定します。試験方法はIEC60068-2-2に準拠し
ます。
Component shall be kept in a chamber at
+85±2°C for 1000 hours. And then it shall be
measured after leaving at room temperature for
1 hour. Testing procedure is accordance with
IEC60068-2-2.
表 1及び 5-5を満足し
ます。
The measured values
shall meet Table 1
and Item 5-5.
12-2
低温放置
Cold
(Storage)
製品単品状態で、温度-55±2℃の恒温槽中に1000
時間保持し、室温に取り出し、1時間放置した後、測
定します。試験方法はIEC60068-2-1に準拠します。
Component shall be kept in a chamber at -
55±2°C for 1000 hours. And then it shall be
measured after leaving at room temperature for
1 hour. Testing procedure is accordance with
IEC60068-2-1.
表 1及び 5-5を満足し
ます。
The measured values
shall meet Table 1
and Item 5-5.
12-3
高温高湿放置
Biased Humidity
製品単品状態で、温度+60±2℃湿度90~95%R.H.
の恒温恒湿槽中にて1000時間保持した後、室温に
取り出し、1時間放置した後、測定します。試験方法
はIEC60068-2-78に準拠します。
Component shall be kept in a chamber at
+60±2°C, 90 to 95%R.H. for 1000 hours. And
then it shall be measured after leaving at room
temperature for 1 hour. Testing procedure is
accordance with IEC60068-2-78.
表 1及び 5-5を満足し
ます。
The measured values
shall meet Table 1
and Item 5-5.
12-4
熱衝撃
Temperature
Cycling
製品単品状態で、温度-55℃の恒温槽中に30分間
保持後、温度+85℃の恒温槽中に直ちに移し、30分
間保持する。これを1サイクルとし、10サイクル行った
後、室温に取り出し、1時間放置した後、測定します。
試験方法はJISC60068-2-14に準拠します。
After performing 10 cycles of thermal test (-55°C
for 30 minutes to +85°C for 30 minutes), it shall
be measured after leaving at room temperature
for 1 hour. Testing procedure is accordance with
JISC60068-2-14.
表 1及び 5-5を満足し
ます。
The measured values
shall meet Table 1
and Item 5-5.
表1
Table 1.
Item
試験後の変化量
Specification After Test
発振周波数
Oscillating Frequency
±0.20%以内/max.
(初期値に対して/from initial value)


Similar Part No. - CSTLS4M19G56-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTLS4M19G56-B0 MURATA-CSTLS4M19G56-B0 Datasheet
728Kb / 32P
Ceramic Resonator
More results

Similar Description - CSTLS4M19G56-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3C000R0 MURATA-CSTNE16M0VH3C000R0 Datasheet
660Kb / 19P
Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3L000R0 MURATA-CSTNE16M0VH3L000R0 Datasheet
601Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53C000R0 MURATA-CSTNE20M0V53C000R0 Datasheet
646Kb / 19P
Specification of Piezoelectric Ceramic Resonator
logo
Murata Manufacturing Co...
CSTNE16M0V53L00ZR0 MURATA1-CSTNE16M0V53L00ZR0_V01 Datasheet
761Kb / 16P
Specification of Piezoelectric Ceramic Resonator
July 8, 2019
CSTNE16M0V53Z000R0 MURATA1-CSTNE16M0V53Z000R0_V01 Datasheet
695Kb / 16P
Specification of Piezoelectric Ceramic Resonator
April 23, 2019
CSTNE17M2V53L000R0 MURATA1-CSTNE17M2V53L000R0 Datasheet
664Kb / 16P
Specification of Piezoelectric Ceramic Resonator
July 5, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com