Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSTLS4M19G56-B0 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd

Part # CSTLS4M19G56-B0
Description  Specification of Piezoelectric Ceramic Resonator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTLS4M19G56-B0 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd

Back Button CSTLS4M19G56-B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Document No. JGC40-5022
株式会社
Murata Manufacturing Co.,Ltd.
P. 11/15
11-4 はんだ付性
Solderability
無鉛はんだ (Sn-3.0Ag-0.5Cu)
PCT装置にて温度+105℃、湿度100%R.H.の条件
で、4時間のエージングをし、端子部分をロジンメタノ
ール液に5秒浸した後、+245
±5℃の溶融はんだ中
に3.0
±0.5秒間浸します。試験方法はIEC60068-2-
20に準拠します。
Lead free solder (Sn-3.0Ag-0.5Cu)
After being kept in pressure cooker at +105
°C
and 100%R.H. for 4 hours, and being placed in a
rosin-methanol
for
5s,
the
terminals
of
component shall be immersed in a soldering bath
at +245
±5°C for 3.0±0.5s. Testing procedure is
accordance with IEC60068-2-20.
端子の 90% 以上には
んだが付着します。
The solder shall coat
at least over ninety
(90%) of the surface
of terminal.
11-5 端子強度
Terminal
Strength
(1)引張強度
(1)Terminal
Pulling
各端子の軸方向に9.8Nの静荷重を10秒間加えま
す。試験方法はIEC60068-2-21に準拠します。
Force of 9.8N is applied to each lead in axial di-
rection for 10 seconds. Testing procedure is ac-
cordance with IEC60068-2-21.
端子の抜け及びガタ
がなく表 1 及び 5-5
を満足します。
No
visible
damage
and
the
measured
values
shall
meet
Table 1 and Item 5-5.
(2)屈曲強度
(2)Terminal
Bending
端子根本より 2mm の部分を固定し、固定部より
本体を 90゜折り曲げ元に戻し、さらに逆方向へ
90゜折り曲げ元に戻します。曲げる速さは、各
方 向 一曲げ約 3 秒とします。 試験方法は
IEC60068-2-21 に準拠します。
After lead terminals shall be fixed at 2mm from
resonator's body, they shall be folded up to 90
°
from their axial direction and folded back to -90
°,
then folded back to their axial direction. The
speed of fold shall be 3 seconds each. Testing
procedure is accordance with IEC60068-2-21.
端子切れ及び折れが
ありません。
No Cutting off.


Similar Part No. - CSTLS4M19G56-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTLS4M19G56-B0 MURATA-CSTLS4M19G56-B0 Datasheet
728Kb / 32P
   Ceramic Resonator
More results

Similar Description - CSTLS4M19G56-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3C000R0 MURATA-CSTNE16M0VH3C000R0 Datasheet
660Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3L000R0 MURATA-CSTNE16M0VH3L000R0 Datasheet
601Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53C000R0 MURATA-CSTNE20M0V53C000R0 Datasheet
646Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
logo
Murata Manufacturing Co...
CSTNE16M0V53L00ZR0 MURATA1-CSTNE16M0V53L00ZR0_V01 Datasheet
761Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 8, 2019
CSTNE16M0V53Z000R0 MURATA1-CSTNE16M0V53Z000R0_V01 Datasheet
695Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
April 23, 2019
CSTNE17M2V53L000R0 MURATA1-CSTNE17M2V53L000R0 Datasheet
664Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 5, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com