Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSTLS4M19G56-B0 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd

Part # CSTLS4M19G56-B0
Description  Specification of Piezoelectric Ceramic Resonator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTLS4M19G56-B0 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd

Back Button CSTLS4M19G56-B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Document No. JGC40-5022
株式会社
Murata Manufacturing Co.,Ltd.
P. 10/15
11. 機械的性能 Physical Characteristics
Item
試 験 条 件
Test Condition
試験後の規格
Specification
After Test
11-1 自然落下
Free Fall
製品単品状態で、1.0mの高さからコンクリートに3
回自然落下させた後、測定します。試験方法は
IEC60068-2-31に準拠します。
Component shall be measured after 3 times
free fall onto a concrete from a height of 1.0m.
Testing
procedure
is
in
accordance
with
PIEC60068-2-31.
外観に異常がなく、
表 1 及び 5-5 を満足
します。
No
visible damage
and
the
measured
values
shall
meet
Table 1 and Item 5-5.
11-2 正弦波振動
Vibration
(Sinusoidal)
製品を試験用基板に実装した状態で、振動周波数
10~55Hz、全振幅1.5mmの振動をX,Y,Zの3方向
に各 2 時間加えた 後 、測定します。試験方法は
IEC60068-2-6に準拠します。
Component shall be soldered on the test board.
Then it shall be measured after being applied
vibration
amplitude
1.5mm
and
vibration
frequency 10 to 55Hz to each of 3 perpendicular
directions for 2 hours. Testing procedure is in
accordance with IEC60068-2-6.
表 1及び 5-5を満足し
ます。
The measured values
shall meet Table 1
and Item 5-5.
11-3 はんだ耐熱
Resistance to
Soldering Heat
(1) フロー方式
(1) Flow
Soldering
+260±5
Cの溶融はんだに端子の根元から 1.5
mmの位置まで10±1.0秒間浸した後、室温に
取り出し、1時間放置した後、測定します。試
験方法はIEC60068-2-20に準拠します。
Lead terminals are immersed up to 1.5mm from
component body in soldering bath of +260
5C
for
10
1.0seconds, and leaving at room
temperature for 1 hour. Testing procedure is
accordance with IEC60068-2-20.
表 1及び 5-5を満足し
ます。
The measured values
shall meet Table 1
and Item 5-5
(2) コテ付け方式
(2)Soldering
with iron
リード部をはんだこて温度+350±5
C で 3.0±
0.5 秒間当て、室温に取り出し、1 時間放置し
た後、測定します。試験方法は IEC60068-2-20
に準拠します。
Lead terminal is directly contacted with the tip
of soldering iron of +350
5C for 3.00.5
seconds, and leaving at room temperature for
1 hour. Testing procedure is accordance with
IEC60068-2-20.
表 1及び 5-5を満足し
ます。
The measured values
shall meet Table 1
and Item 5-5.


Similar Part No. - CSTLS4M19G56-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTLS4M19G56-B0 MURATA-CSTLS4M19G56-B0 Datasheet
728Kb / 32P
   Ceramic Resonator
More results

Similar Description - CSTLS4M19G56-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3C000R0 MURATA-CSTNE16M0VH3C000R0 Datasheet
660Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3L000R0 MURATA-CSTNE16M0VH3L000R0 Datasheet
601Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53C000R0 MURATA-CSTNE20M0V53C000R0 Datasheet
646Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
logo
Murata Manufacturing Co...
CSTNE16M0V53L00ZR0 MURATA1-CSTNE16M0V53L00ZR0_V01 Datasheet
761Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 8, 2019
CSTNE16M0V53Z000R0 MURATA1-CSTNE16M0V53Z000R0_V01 Datasheet
695Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
April 23, 2019
CSTNE17M2V53L000R0 MURATA1-CSTNE17M2V53L000R0 Datasheet
664Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 5, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com