Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSTLS4M19G56-B0 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd

Part # CSTLS4M19G56-B0
Description  Specification of Piezoelectric Ceramic Resonator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTLS4M19G56-B0 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd

Back Button CSTLS4M19G56-B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Document No. JGC40-5022
株式会社
Murata Manufacturing Co.,Ltd.
P. 6/15
8-2
製品の並び規定
Stipulation on Products Alignment
8-2-1
連続歯抜けは、2個以内とします。
Drop out of parts shall be confined to no more than 2 continuous parts.
8-2-2
1箱内の歯抜け率は、0.25%以下とします。
Drop out of parts on a reel shall be less than 0.25% of net quantity.
8-2-3
製品の裏表逆張り付けは、なきこととします。
All resonators shall face their marking side toward the hold down tape.
(Upward in the figure below in this page.)
8-3
テープの接続
Tape Connection
8-3-1
テープ台紙切れの場合
In case of a carrier tape running out.
進行方向
進行方向に対してテープが
浮かないこと
Adhesive tape shall not turn up
toward the feeding direction
約 18mm
Feeding direction
Adhesive tape
Carrier tape
Approximately 18mm
粘着テープ
Hold down tape
テープ台紙
セロテープ
・テープ台紙を付き合わせ、裏面にセロテープにて接続します。
Connect the back face of tapes together with a adhesive tape.
・テープ総厚み t:1.05mm以下
Total thickness of tapes
t:1.05mm max.
8-3-2
粘着テープ切れの場合
In case of a hold down tape running out.
・粘着テープを重ね合わせて接続します。
Overlap hold down tape for connection.
・テープ総厚み t:1.05mm以下
Total thickness of tapes
t:1.05mm max.
8-3-3
テープ台紙及び粘着テープ両方を接続する場合
In case of connecting both carrier tape and hold down tape.
・ 製品を抜き取らずにテープ台紙及び粘着テープを付け合わせて、粘着テープで
接続します。
Connection both carrier tape and hold down tape together with adhesive tape with-
out pulling out the products.
Hold down tape
Feeding direction
20~30mm
進行方向
テープ台紙
粘着テープ
粘着テープ
Hold down tape
Carrier


Similar Part No. - CSTLS4M19G56-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTLS4M19G56-B0 MURATA-CSTLS4M19G56-B0 Datasheet
728Kb / 32P
   Ceramic Resonator
More results

Similar Description - CSTLS4M19G56-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3C000R0 MURATA-CSTNE16M0VH3C000R0 Datasheet
660Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3L000R0 MURATA-CSTNE16M0VH3L000R0 Datasheet
601Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53C000R0 MURATA-CSTNE20M0V53C000R0 Datasheet
646Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
logo
Murata Manufacturing Co...
CSTNE16M0V53L00ZR0 MURATA1-CSTNE16M0V53L00ZR0_V01 Datasheet
761Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 8, 2019
CSTNE16M0V53Z000R0 MURATA1-CSTNE16M0V53Z000R0_V01 Datasheet
695Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
April 23, 2019
CSTNE17M2V53L000R0 MURATA1-CSTNE17M2V53L000R0 Datasheet
664Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 5, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com