Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSTLS4M19G56-B0 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd

Part # CSTLS4M19G56-B0
Description  Specification of Piezoelectric Ceramic Resonator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTLS4M19G56-B0 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd

  CSTLS4M19G56-B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTLS4M19G56-B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Document No. JGC40-5022
株式会社
Murata Manufacturing Co.,Ltd.
P. 5/15
テーピングの外形寸法表
Dimensions Table of Taping Type
単位:mm
in mm
Item
Code
公 称 値
Dimensions
許 容 差
Tolerance
Remarks
製品幅
Width of Diameter
D
8.0
±1.0
製品高さ
Height of Resonator
A
5.5
±0.5
端子形状
Dimensions of Terminal
d
φ0.48
±0.05
張り付け端子長さ
Lead Length under
Hold Down Tape
L1
5.0 min.
-
製品間ピッチ
Pitch of Component
P
12.7
±0.5
送り穴ピッチ
Pitch of Sprocket Hole
Po
12.7
±0.2
累積ピッチ誤差は
10 x Po=127±1
Tolerance for Pitches
10 x Po=127±1
製品貼り付け位置ズレ
Length from Sprocket
Hole Center to Lead
P1
3.85
±0.5
製品貼り付け位置ズレ
Length from Sprocket
Hole Center to
Component Center
P2
6.35
±0.5
端子ピッチ
Lead Spacing
F1
2.5
±0.2
端子ピッチ
Lead Spacing
F2
2.5
±0.2
製品倒れ
Slant to Forward or Backward
Δh
0
±1.0
360°で1mm以内
1mm max.
テープ幅
Width of Carrier Tape
W
18.0
±0.5
貼り付けテープ幅
Width of Hold Down Tape
Wo
6.0 min.
-
貼り付けテープは台紙より
はみ出さないこと
Hold down tape does not
exceed carrier tape.
送り穴位置ズレ
Position of Sprocket Hole
W1
9.0
±0.5
貼り付けテープズレ
Gap of Hold Down Tape
and Carrier Tape
W2
0
+0.5
0
端子ストッパー高さ
Distance between
Center of Sprocket
Hole and Lead Stopper
Ho
18.0
±0.5
製品上限位置
Total Height of Resonator
H1
23.5
±1.0
送り穴径
Diameter of Sprocket Hole
Do
φ4.0
±0.2
テープ総厚み
Total Tape Thickness
t
0.6
±0.2
製品片寄り
Body Tilt
ΔS
0
±1.0


Similar Part No. - CSTLS4M19G56-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTLS4M19G56-B0 MURATA-CSTLS4M19G56-B0 Datasheet
728Kb / 32P
   Ceramic Resonator
More results

Similar Description - CSTLS4M19G56-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3C000R0 MURATA-CSTNE16M0VH3C000R0 Datasheet
660Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3L000R0 MURATA-CSTNE16M0VH3L000R0 Datasheet
601Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53C000R0 MURATA-CSTNE20M0V53C000R0 Datasheet
646Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
logo
Murata Manufacturing Co...
CSTNE16M0V53L00ZR0 MURATA1-CSTNE16M0V53L00ZR0_V01 Datasheet
761Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 8, 2019
CSTNE16M0V53Z000R0 MURATA1-CSTNE16M0V53Z000R0_V01 Datasheet
695Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
April 23, 2019
CSTNE17M2V53L000R0 MURATA1-CSTNE17M2V53L000R0 Datasheet
664Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 5, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com