Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSTLS4M19G53-A0 Datasheet(PDF) 14 Page - Murata Manufacturing Co., Ltd

Part # CSTLS4M19G53-A0
Description  Specification of Piezoelectric Ceramic Resonator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTLS4M19G53-A0 Datasheet(HTML) 14 Page - Murata Manufacturing Co., Ltd

Back Button CSTLS4M19G53-A0_V01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd CSTLS4M19G53-A0_V01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTLS4M19G53-A0_V01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd CSTLS4M19G53-A0_V01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd CSTLS4M19G53-A0_V01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd CSTLS4M19G53-A0_V01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd CSTLS4M19G53-A0_V01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd CSTLS4M19G53-A0_V01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd CSTLS4M19G53-A0_V01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Document No. JGC40-5021
株式会社
Murata Manufacturing Co.,Ltd.
P. 14/15
15. 製品保管上の注意
Notice on product storage
15-1
温度-10~+40℃、相対湿度15~85%で、急激な温湿度変化のない室内で保管下さい。
Please store the products in room where the temperature / humidity is stable. And avoid such
places where there are large temperature changes. Please store the products under the
following conditions : Temperature
: -10 to +40
°C
Humidity
: 15 to 85% R.H.
15-2
製品保管期限は未開梱、未開封状態にて、納入後6ヶ月間です。納入後6ヶ月以内でご使用下
さい。6ヶ月を越える場合ははんだ付け性等をご確認の上、ご使用下さい。
Expire date (Shelf life) of the products is 6 months after delivery under the conditions of an
unopened package. Please use the products within 6 months after delivery.
If you store the products for a long time (more than 6months), use carefully because the
products may be degraded in the solder-ability and/or rusty. Please confirm solder-ability and
characteristics for the products regularly.
15-3
酸、アルカリ、塩、有機ガス、硫黄等の化学的雰囲気中で保管されますとはんだ付け性の劣
化不良等の原因となりますので、化学的雰囲気中での保管は避けて下さい。
Please do not store the products in a chemical atmosphere (Acids, Alkali, Bases, Organic gas,
Sulfides and so on), because the characteristics may be reduced in quality, and/or be
degraded in the solder-ability due to the storage in a chemical atmosphere.
15-4
湿気、塵等の影響を避けるため、床への直置きは避けて保管下さい。
Please do not put the products directly on the floor without anything under them to avoid damp
places and/or dusty places.
15-5
直射日光、熱、振動等が加わる場所での保管は避けて下さい。
Please do not store the products in the places under direct sunlight, heat and vibration.
15-6
開梱、開封後、長期保管された場合、保管状況によっては、はんだ付け性等が劣化する可能
性があります。開梱、開封後は速やかにご使用下さい。
Please use the products immediately after the package is opened, because the characteristics
may be reduced in quality, and/or be degraded in the solder-ability due to storage under the
poor condition.
15-7
製品落下により、製品内部のセラミック素子の割れ等の原因となりますので、容易に落下し
ない状態での保管とお取扱いをお願い致します。
Please do not drop the products to avoid cracking of ceramic element.


Similar Part No. - CSTLS4M19G53-A0_V01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTLS4M19G53-A0 MURATA-CSTLS4M19G53-A0 Datasheet
192Kb / 3P
   cost-effective and reliable availability
More results

Similar Description - CSTLS4M19G53-A0_V01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3C000R0 MURATA-CSTNE16M0VH3C000R0 Datasheet
660Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3L000R0 MURATA-CSTNE16M0VH3L000R0 Datasheet
601Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53C000R0 MURATA-CSTNE20M0V53C000R0 Datasheet
646Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
logo
Murata Manufacturing Co...
CSTNE16M0V53L00ZR0 MURATA1-CSTNE16M0V53L00ZR0_V01 Datasheet
761Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 8, 2019
CSTNE16M0V53Z000R0 MURATA1-CSTNE16M0V53Z000R0_V01 Datasheet
695Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
April 23, 2019
CSTNE17M2V53L000R0 MURATA1-CSTNE17M2V53L000R0 Datasheet
664Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 5, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com