Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSTLS4M19G53-A0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # CSTLS4M19G53-A0
Description  Specification of Piezoelectric Ceramic Resonator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTLS4M19G53-A0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  CSTLS4M19G53-A0_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd CSTLS4M19G53-A0_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd CSTLS4M19G53-A0_V01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd CSTLS4M19G53-A0_V01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd CSTLS4M19G53-A0_V01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd CSTLS4M19G53-A0_V01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd CSTLS4M19G53-A0_V01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd CSTLS4M19G53-A0_V01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTLS4M19G53-A0_V01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Document No. JGC40-5021
株式会社
Murata Manufacturing Co.,Ltd.
P. 1/15
製品仕様書
Specification of Piezoelectric Ceramic Resonator
決定年月日 Issue Date: March 23, 2017
1. 品番 Part Number
Murata Part Number
テーピング品
Taping
CSTLS4M19G53-A0
バラ品
Bulk
CSTLS4M19G53-B0
2. 適 用 Scope
当製品仕様書は、マイクロコンピュータ等のクロック発生回路に使用するセラミック発振子
(セラロック®)について規定します。この用途以外にご使用の場合には事前に当社へご連絡く
ださい。
This product specification is applied to the piezoelectric ceramic resonator used for time base
oscillator in a microcomputer. Please contact us when using this product for any other
applications than described in the above.
3. 外観 及び 寸法 Appearance and Dimensions
3-1 外観
: 目視によって表示識別可能であり、汚れ等がありません。
Appearance
: No illegible marking. No visible dirt.
3-2 セラロック®の外形寸法図
: 製品単体の形状を項目6 に示します。
Dimensions of component
:
Please refer to item 6 for component dimensions.
3-3 構造
: セラミック素子に電極端子をはんだ付けし、外装樹脂で
モ-ルドされています。
Construction
: Leads are soldered on inside electrode of ceramic
elements and outer body is molded by resin.
4. 定格 Rating
項 目
Item
規 格
Specification
4-1
動作温度範囲
Operating Temperature Range
-20 to +80°C
4-2
保存温度範囲
Storage Temperature Range
-55 to +85°C
4-3
直流印加電圧
D.C. Voltage
D.C.6V 以下/max.
4-4
入力信号振幅
A.C. Voltage
15Vp-p 以下/max.
4-5
耐電圧
Withstanding Voltage
D.C.100V 以下/max.
5s 以内/max.


Similar Part No. - CSTLS4M19G53-A0_V01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTLS4M19G53-A0 MURATA-CSTLS4M19G53-A0 Datasheet
192Kb / 3P
   cost-effective and reliable availability
More results

Similar Description - CSTLS4M19G53-A0_V01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3C000R0 MURATA-CSTNE16M0VH3C000R0 Datasheet
660Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3L000R0 MURATA-CSTNE16M0VH3L000R0 Datasheet
601Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53C000R0 MURATA-CSTNE20M0V53C000R0 Datasheet
646Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
logo
Murata Manufacturing Co...
CSTNE16M0V53L00ZR0 MURATA1-CSTNE16M0V53L00ZR0_V01 Datasheet
761Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 8, 2019
CSTNE16M0V53Z000R0 MURATA1-CSTNE16M0V53Z000R0_V01 Datasheet
695Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
April 23, 2019
CSTNE17M2V53L000R0 MURATA1-CSTNE17M2V53L000R0 Datasheet
664Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 5, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com