Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP-8-S1D102G-E Datasheet(PDF) 3 Page - C&K Components

Part # NP-8-S1D102G-E
Description  Sealed Industrial Pushbutton Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

NP-8-S1D102G-E Datasheet(HTML) 3 Page - C&K Components

  NP-8-S1D102G-E Datasheet HTML 1Page - C&K Components NP-8-S1D102G-E Datasheet HTML 2Page - C&K Components NP-8-S1D102G-E Datasheet HTML 3Page - C&K Components NP-8-S1D102G-E Datasheet HTML 4Page - C&K Components NP-8-S1D102G-E Datasheet HTML 5Page - C&K Components NP-8-S1D102G-E Datasheet HTML 6Page - C&K Components NP-8-S1D102G-E Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1.50
[0.059]
9.55
[0.376]
15.40 TYP
[0.606]
0.50
[0.020]
MAX
11.35
[0.447]
TANGENT
TO FLAT
15.75
[0.620]
0.40 TYP
[0.016]
2X 3.05
[0.120]
2X 2.20
[0.087]
7.50
[0.295]
N.C.
7.50
[0.295]
N.O.
2.00
[0.079]
TYP
1.02
[0.040]
11.90
[0.469]
24.70REF
[0.972]
9.50
[0.374]
0.40TYP
[0.016]
2.60TYP
[0.102]
11.90
[0.469]
6.60
[0.260]
65.0°
4.50
[0.177]
0.70 TYP
[0.028]
17.70 TYP
[0.697]
27.20REF
[1.071]
2.70TYP
[0.106]
4.90
[0.19]
2X65.0°
2X 1.67
REF
[0.066]
2X 3.58
REF
[0.141]
7.90
[0.311]
4X 0.90
[0.035]
11.65
[0.459]
12.3
[0.484]
15/32-32 UNS-2A
PC TERMINALS
PC HOLE PATTERN
BOARD VIEW
N.C.
N.C.
N.O.
N.O.
PANEL CUTOUT
10.80
[0.425]
ACROSS FLATS
7.50
[0.295]
7.50
[0.295]
13.95
[0.549]
0.50
[0.020]
MAX
1.00
[0.039]
11.30 TYP
[0.445]
0.40TYP
[0.016]
2.00
[0.079]
TYP
20.10REF
[0.791]
9.00
[0.354]
11.90
[0.469]
6.60
[0.260]
0.40 TYP
[0.016]
2.60 TYP
[0.102]
65°
5.39
[0.212]
4.50
[0.177]
13.60 TYP
[0.54]
0.70 TYP
[0.028]
2.70 TYP
[0.106]
22.60REF
[0.890]
2X65.0°
7.90
[0.311]
4X 0.90
[0.035]
2X 1.67
REF
[0.066]
2X 3.58
REF
[0.141]
12.30
[0.484]
11.00
[0.433]
15/32-32 UNS-2A
2
1
4
3
N.O.
(3 & 4)
SCALE 9:1
N.C.
(1 & 2)
SCALE 9:1
EPOXY SEALED
PC TERMINALS
PC HOLE PATTERN
BOARD VIEW
N.C.
N.O.
N.C.
N.O.
PANEL CUTOUT
NP Series
Sealed Industrial Pushbutton Switch
HOUSING STYLE
T STANDARD THREADED MOUNT
Third Angle
Projection
L LONG THREADED MOUNT
4 May 20
A-120
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ckswitches.com
A


Similar Part No. - NP-8-S1D102G-E

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
NP-BNCJ DDK-NP-BNCJ Datasheet
673Kb / 31P
Conversion Connector
NP-BNCJ-PA DDK-NP-BNCJ-PA Datasheet
673Kb / 31P
Conversion Connector
logo
Hirose Electric
NP-BNCP HIROSE-NP-BNCP Datasheet
433Kb / 7P
RFCO-AXIAL CONNECTORS
logo
DDK Ltd.
NP-BNCP DDK-NP-BNCP Datasheet
673Kb / 31P
Conversion Connector
logo
List of Unclassifed Man...
NP-BNCP ETC2-NP-BNCP Datasheet
443Kb / 12P
Converter adapter list
More results

Similar Description - NP-8-S1D102G-E

ManufacturerPart #DatasheetDescription
logo
C&K Components
NP8S2T103QE CK-COMPONENTS-NP8S2T103QE Datasheet
721Kb / 7P
Sealed Industrial Pushbutton Switch
PNP CK-COMPONENTS-PNP_V01 Datasheet
805Kb / 5P
Sealed Pushbutton Switch
2020
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
Industrial Pushbutton Switch
logo
C&K Components
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
Industrial Pushbutton Switch
28 Jul 21
AP CK-COMPONENTS-AP Datasheet
314Kb / 6P
Industrial Pushbutton Switch
AP2D000SZBE CK-COMPONENTS-AP2D000SZBE Datasheet
339Kb / 6P
Industrial Pushbutton Switch
AP CK-COMPONENTS-AP_V01 Datasheet
1Mb / 10P
Industrial Pushbutton Switch
2021
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
ATP22 CK-COMPONENTS-ATP22 Datasheet
332Kb / 3P
Anti-Vandal Sealed Pushbutton Switch
5 May 21
AP2D207SZBE CK-COMPONENTS-AP2D207SZBE Datasheet
340Kb / 6P
AP Series Industrial Pushbutton Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com