Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW3318E-G Datasheet(PDF) 4 Page - AUK corp

Part # SW3318E-G
Description  High Brightness White LED Lamp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SW3318E-G Datasheet(HTML) 4 Page - AUK corp

  SW3318E-G Datasheet HTML 1Page - AUK corp SW3318E-G Datasheet HTML 2Page - AUK corp SW3318E-G Datasheet HTML 3Page - AUK corp SW3318E-G Datasheet HTML 4Page - AUK corp SW3318E-G Datasheet HTML 5Page - AUK corp SW3318E-G Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KSD-O2C015-000
4
SW3318E-G / SW3318E-G(B)
CIE Coordinates Grade Classification (Ta=25℃, IF=20mA)
CIE Coordinates
CIE Coordinates
CIE Coordinates
Color
Bin
X
Y
Color
Bin
X
X
Color
Bin
X
Y
0.17
0.21
0.21
0.26
0.25
0.30
0.17
0.14
0.21
0.20
0.25
0.24
0.21
0.18
0.25
0.24
0.29
0.28
a
0.21
0.25
b
0.25
0.30
c
0.29
0.34
(Do not use to combine grade classification. It must be used separately grade classification)
♦ CIE 1931 UCS Diagram
0.12
0.17
0.22
0.27
0.32
0.15
0.17
0.19
0.21
0.23
0.25
0.27
0.29
0.31
CIE Coordinate X
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
CIE Coordinate X
490
600
540
550
480
470
450
380
580
590
830
510
520
530
500
495
650
a
b


Similar Part No. - SW3318E-G

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
LAMP LED
More results

Similar Description - SW3318E-G

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MWB51TA MICRO-ELECTRONICS-MWB51TA Datasheet
41Kb / 1P
ULTRA HIGH BRIGHTNESS WHITE LED LAMP
logo
AUK corp
SW3317E-G AUK-SW3317E-G Datasheet
278Kb / 6P
High Brightness White LED Lamp
SW3372E-H AUK-SW3372E-H Datasheet
228Kb / 5P
High Brightness White LED Lamp
SW5315E-G AUK-SW5315E-G Datasheet
170Kb / 5P
High Brightness White LED Lamp
SY3418-E AUK-SY3418-E Datasheet
151Kb / 4P
High Brightness LED Lamp
logo
Micro Electronics
MWB31TA-DI MICRO-ELECTRONICS-MWB31TA-DI Datasheet
107Kb / 1P
ULTRA HIGH BRIGHTNESS WHITE LED LAMP
MWB32TA-3E MICRO-ELECTRONICS-MWB32TA-3E Datasheet
98Kb / 1P
ULTRA HIGH BRIGHTNESS WHITE LED LAMP
MWB32WA-DI MICRO-ELECTRONICS-MWB32WA-DI Datasheet
76Kb / 2P
ULTRA HIGH BRIGHTNESS WHITE LED LAMP
MWB51TA-DI MICRO-ELECTRONICS-MWB51TA-DI Datasheet
51Kb / 1P
ULTRA HIGH BRIGHTNESS WHITE LED LAMP
MWB90TA-8I MICRO-ELECTRONICS-MWB90TA-8I Datasheet
79Kb / 2P
ULTRA HIGH BRIGHTNESS WHITE LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com