Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW3318E-G Datasheet(PDF) 2 Page - AUK corp

Part # SW3318E-G
Description  High Brightness White LED Lamp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SW3318E-G Datasheet(HTML) 2 Page - AUK corp

  SW3318E-G Datasheet HTML 1Page - AUK corp SW3318E-G Datasheet HTML 2Page - AUK corp SW3318E-G Datasheet HTML 3Page - AUK corp SW3318E-G Datasheet HTML 4Page - AUK corp SW3318E-G Datasheet HTML 5Page - AUK corp SW3318E-G Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KSD-O2C015-000
2
SW3318E-G / SW3318E-G(B)
Absolute Maximum Ratings
(Ta=25
oC)
Characteristic
Symbol
Rating
Unit
Power dissipation
PD
110
mW
Forward current
IF
30
mA
*1Peak forward current
IFP
50
mA
Reverse voltage
VR
10
V
Operating temperature range
Topr
-25 85
Storage temperature range
Tstg
-30 100
*2Soldering temperature
Tsol
260
for
10 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Recommend document
-. LED is very sensitive to ESD.
Electrical / Optical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF= 20mA
2.9
-
3.8
V
*5 Luminous intensity
IV
IF= 20mA
310
-
1170
mcd
X
0.17
-
0.29
-
*3Chromaticity coordinates
Y
IF= 20mA
0.14
-
0.34
-
Reverse current
IR
VR=10V
-
-
10
uA
*4Half angle
θ1/2
IF= 20mA
-
±45
-
deg
*3. The chromaticity coordinates are derived from the CIE 1931 Chromaticity Diagram and represent
the perceived color of the device.
*4. θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
*5. Luminous Intensity Maximum tolerance for each Grade Classification limit is ±18%
● VF / IV Grade Classification (Ta=25℃)
Test Condition @ IF=20mA
Forward Voltage [V]
Luminous Intensity [mcd]
1 : 2.9~3.2
O : 310~520
2 : 3.2~3.5
P : 520~780
3 : 3.5~3.8
Q : 780~1170


Similar Part No. - SW3318E-G

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
LAMP LED
More results

Similar Description - SW3318E-G

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MWB51TA MICRO-ELECTRONICS-MWB51TA Datasheet
41Kb / 1P
ULTRA HIGH BRIGHTNESS WHITE LED LAMP
logo
AUK corp
SW3317E-G AUK-SW3317E-G Datasheet
278Kb / 6P
High Brightness White LED Lamp
SW3372E-H AUK-SW3372E-H Datasheet
228Kb / 5P
High Brightness White LED Lamp
SW5315E-G AUK-SW5315E-G Datasheet
170Kb / 5P
High Brightness White LED Lamp
SY3418-E AUK-SY3418-E Datasheet
151Kb / 4P
High Brightness LED Lamp
logo
Micro Electronics
MWB31TA-DI MICRO-ELECTRONICS-MWB31TA-DI Datasheet
107Kb / 1P
ULTRA HIGH BRIGHTNESS WHITE LED LAMP
MWB32TA-3E MICRO-ELECTRONICS-MWB32TA-3E Datasheet
98Kb / 1P
ULTRA HIGH BRIGHTNESS WHITE LED LAMP
MWB32WA-DI MICRO-ELECTRONICS-MWB32WA-DI Datasheet
76Kb / 2P
ULTRA HIGH BRIGHTNESS WHITE LED LAMP
MWB51TA-DI MICRO-ELECTRONICS-MWB51TA-DI Datasheet
51Kb / 1P
ULTRA HIGH BRIGHTNESS WHITE LED LAMP
MWB90TA-8I MICRO-ELECTRONICS-MWB90TA-8I Datasheet
79Kb / 2P
ULTRA HIGH BRIGHTNESS WHITE LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com